công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT3695EMSEPBF bảng dữ liệu(PDF) 28 Page - Linear Technology

tên linh kiện LT3695EMSEPBF
Giải thích chi tiết về linh kiện  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT3695EMSEPBF bảng dữ liệu(HTML) 28 Page - Linear Technology

Back Button LT3695EMSEPBF Datasheet HTML 20Page - Linear Technology LT3695EMSEPBF Datasheet HTML 21Page - Linear Technology LT3695EMSEPBF Datasheet HTML 22Page - Linear Technology LT3695EMSEPBF Datasheet HTML 23Page - Linear Technology LT3695EMSEPBF Datasheet HTML 24Page - Linear Technology LT3695EMSEPBF Datasheet HTML 25Page - Linear Technology LT3695EMSEPBF Datasheet HTML 26Page - Linear Technology LT3695EMSEPBF Datasheet HTML 27Page - Linear Technology LT3695EMSEPBF Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3695
28
3695f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0709 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
5V Step-Down Converter
VIN
BD
LT3695
RUN/SS
VC
0.22μF
D1
B140
VOUT
5V
0.9A, VIN > 6.9V
1A, VIN > 12V
102k
f = 800kHz
100k
536k
10μH
10μF
3695 TA05
470pF
2.2μF
VIN
6.9V TO 36V
TRANSIENT TO 60V
RT
PG
40.2k
16.2k
SYNC
BOOST
ON OFF
SW
DA
FB
GND
PGND
PART NUMBER DESCRIPTION
COMMENTS
LT3970
40V, 350mA, 2MHz High Efficiency MicroPower Step-Down DC/DC
Converter
VIN: 4V to 40V Transient to 60V, VOUT(MAX) = 1.21V, IQ = 2μA,
ISD < 1μA, 3mm × 2mm DFN-10, MSOP-10 Packages
LT3689
36V, 60V Transient Protection, 800mA, 2.2MHz High Efficiency MicroPower
Step-Down DC/DC Converter with POR Reset and Watchdog Timer
VIN: 3.6V to 36V Transient to 60V, VOUT(MAX) = 0.8V,
IQ = 75μA, ISD < 1μA, 3mm × 3mm QFN-16 Package
LT3685
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz, High Efficiency
Step-Down DC/DC Converter
VIN: 3.6V to 38V, VOUT(MAX) = 0.78V, IQ = 70μA, ISD < 1μA,
3mm
× 3mm DFN-10, MSOP-10E Packages
LT3684
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz, High Efficiency
Step-Down DC/DC Converter
VIN: 3.6V to 34V, VOUT(MAX) = 1.26V, IQ = 850μA, ISD < 1μA,
3mm
× 3mm DFN-10, MSOP-10E Packages
LT3682
36V, 60VMAX, 1A, 2.2MHz High Efficiency Micropower Step-Down DC/DC
Converter
VIN: 3.6V to 36V, VOUT(MAX) = 0.8V, IQ = 75μA, ISD < 1μA,
3mm
× 3mm DFN-12 Package
LT3508
36V with Transient Protection to 40V, Dual 1.4A (IOUT), 3MHz, High
Efficiency Step-Down DC/DC Converter
VIN: 3.7V to 36V, VOUT(MAX) = 0.8V, IQ = 4.6mA, ISD = 1μA,
4mm
× 4mm QFN-24, TSSOP-16E Packages
LT3507
36V 2.5MHz, Triple (2.4A + 1.5A + 1.5A (IOUT)) with LDO Controller High
Efficiency Step-Down DC/DC Converter
VIN: 4V to 36V, VOUT(MAX) = 0.8V, IQ = 7mA, ISD = 1μA,
5mm
× 7mm QFN-38 Package
LT3505
36V with Transient Protection to 40V, 1.4A (IOUT), 3MHz, High Efficiency
Step-Down DC/DC Converter
VIN: 3.6V to 34V, VOUT(MAX) = 0.78V, IQ = 2mA, ISD = 2μA,
3mm
× 3mm DFN-8, MSOP-8E Packages
LT3500
36V, 40VMAX, 2A, 2.5MHz High Efficiency Step-Down DC/DC Converter and
LDO Controller
VIN: 3.6V to 36V, VOUT(MAX) = 0.8V, IQ = 2.5mA, ISD < 10μA,
3mm
× 3mm DFN-10 Package
LT3493
36V, 1.4A (IOUT), 750kHz High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 36V, VOUT(MAX) = 0.8V, IQ = 1.9mA, ISD < 1μA,
2mm
× 3mm DFN-6 Package
LT3481
34V with Transient Protection to 36V, 2A (IOUT), 2.8MHz, High Efficiency
Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.6V to 34V, VOUT(MAX) = 1.26V, IQ = 50μA, ISD < 1μA,
3mm
× 3mm DFN-10, MSOP-10E Packages
LT3480
36V with Transient Protection to 60V, 2A (IOUT), 2.4MHz, High Efficiency
Step-Down DC/DC Converter with Burst Mode Operation
VIN: 3.6V to 38V, VOUT(MAX) = 0.78V, IQ = 70μA, ISD < 1μA,
3mm
× 3mm DFN-10, MSOP-10E Packages
LT3437
60V, 400mA (IOUT), MicroPower Step-Down DC/DC Converter with Burst
Mode Operation
VIN: 3.3V to 60V, VOUT(MAX) = 1.25V, IQ = 100μA, ISD < 1μA,
3mm
× 3mm DFN-10, TSSOP-16E Package
LT3434/LT3435 60V, 2.4A (IOUT), 200kHz/500kHz, High Efficiency Step-Down DC/DC
Converter with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MAX) = 1.2V, IQ = 100μA, ISD < 1μA,
TSSOP-16E Package
LT1976/LT1977 60V, 1.2A (IOUT), 200kHz/500kHz, High Efficiency Step-Down DC/DC
Converter with Burst Mode Operation
VIN: 3.3V to 60V, VOUT(MAX) = 1.2V, IQ = 100μA, ISD < 1μA,
TSSOP-16E Package
LT1936
36V, 1.4A (IOUT), 500kHz High Efficiency Step-Down DC/DC Converter
VIN: 3.6V to 36V, VOUT(MAX) = 1.2V, IQ = 1.9mA, ISD < 1μA,
MS8E Package
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MAX) = 1.2V, IQ = 2.5mA, ISD = 25μA,
TSSOP-16/E Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com