công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT3695EMSEPBF bảng dữ liệu(PDF) 13 Page - Linear Technology

tên linh kiện LT3695EMSEPBF
Giải thích chi tiết về linh kiện  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT3695EMSEPBF bảng dữ liệu(HTML) 13 Page - Linear Technology

Back Button LT3695EMSEPBF Datasheet HTML 9Page - Linear Technology LT3695EMSEPBF Datasheet HTML 10Page - Linear Technology LT3695EMSEPBF Datasheet HTML 11Page - Linear Technology LT3695EMSEPBF Datasheet HTML 12Page - Linear Technology LT3695EMSEPBF Datasheet HTML 13Page - Linear Technology LT3695EMSEPBF Datasheet HTML 14Page - Linear Technology LT3695EMSEPBF Datasheet HTML 15Page - Linear Technology LT3695EMSEPBF Datasheet HTML 16Page - Linear Technology LT3695EMSEPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3695
13
3695f
APPLICATIONS INFORMATION
A good choice of switching frequency should allow an
adequate input voltage range (see Input Voltage Range sec-
tion) and keep the inductor and capacitor values small.
Input Voltage Range
The minimum input voltage is determined by either the
LT3695’s minimum operating voltage of ~3.6V (VBD > 3V)
or by its maximum duty cycle (see equation in Operating
Frequency Trade-Offs section). The minimum input voltage
due to duty cycle is:
V
VV
ft
VV
IN MIN
OUT
D
SW OFF MIN
DSW
()
()
=
+
−
−+
1
where VIN(MIN) is the minimum input voltage, and tOFF(MIN)
is the minimum switch off time. Note that a higher switch-
ing frequency will increase the minimum input voltage.
If a lower dropout voltage is desired, a lower switching
frequency should be used.
The maximum input voltage for LT3695 applications
depends on switching frequency, the Absolute Maximum
Ratings of the VIN and BOOST pins and the operating mode.
The LT3695 can operate from continuous input voltages
up to 36V. Input voltage transients of up to 60V are also
safely withstood. However, note that while VIN > VOVLO
(overvoltage lockout, 38V typical), the LT3695 will stop
switching, allowing the output to fall out of regulation.
For a given application where the switching frequency
and the output voltage are already fixed, the maximum
input voltage that guarantees optimum output voltage
ripple for that application can be found by applying the
following expression:
V
VV
ft
VV
IN MAX
OUT
D
SW ON MIN
DSW
()
()
=
+
−+
where VIN(MAX) is the maximum operating input voltage,
VOUT is the output voltage, VD is the catch diode drop
(~0.5V), VSWistheinternalswitchdrop(~0.5Vatmaxload),
fSW is the switching frequency (set by RT) and tON(MIN) is
the minimum switch on time (~150ns). Note that a higher
switching frequency will reduce the maximum operating
input voltage. Conversely, a lower switching frequency
will be necessary to achieve optimum operation at high
input voltages.
Special attention must be paid when the output is in start-
up, short-circuit or other overload conditions. During these
events, the inductor peak current might easily reach and
even exceed the maximum current limit of the LT3695,
especially in those cases where the switch already operates
at minimum on-time. The circuitry monitoring the current
through the catch diode via the DA pin prevents the switch
from turning on again if the inductor valley current is above
1.6A nominal. In these cases, the inductor peak current is
therefore the maximum current limit of the LT3695 plus
the additional current overshoot during the turn off delay
due to minimum on time:
IA
VV
L
t
LPEAK
IN MAX
OUT OL
ON MIN
()
()
(
)
()
•
=+
−
2
where IL(PEAK) is the peak inductor current, VIN(MAX) is
the maximum expected input voltage, L is the inductor
value, tON(MIN) is the minimum on time and VOUT(OL) is the
output voltage under the overload condition. The part is
robust enough to survive prolonged operation under these
conditions as long as the peak inductor current does not
exceed 3.5A. Inductor current saturation and excessive
junction temperature may further limit performance.
Input voltage transients of up to VOVLO are acceptable
regardless of the switching frequency. In this case, the
LT3695 may enter pulse-skipping operation where some
switching pulses are skipped to maintain output regulation.
In this mode the output voltage ripple and inductor current
ripple will be higher than in normal operation.
Input voltage transients above VOVLO and up to 60V can
be tolerated. However, since the part will stop switching
during these transients, the output will fall out of regulation
and the output capacitor may eventually be completely
discharged. This case must be treated then as a start-up
condition as soon as VIN returns to values below VOVLO
and the part starts switching again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com