công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT3695EMSEPBF bảng dữ liệu(PDF) 21 Page - Linear Technology

tên linh kiện LT3695EMSEPBF
Giải thích chi tiết về linh kiện  1A Fault Tolerant Micropower Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT3695EMSEPBF bảng dữ liệu(HTML) 21 Page - Linear Technology

Back Button LT3695EMSEPBF Datasheet HTML 17Page - Linear Technology LT3695EMSEPBF Datasheet HTML 18Page - Linear Technology LT3695EMSEPBF Datasheet HTML 19Page - Linear Technology LT3695EMSEPBF Datasheet HTML 20Page - Linear Technology LT3695EMSEPBF Datasheet HTML 21Page - Linear Technology LT3695EMSEPBF Datasheet HTML 22Page - Linear Technology LT3695EMSEPBF Datasheet HTML 23Page - Linear Technology LT3695EMSEPBF Datasheet HTML 24Page - Linear Technology LT3695EMSEPBF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3695
21
3695f
LT3695’s output. If the VIN pin is allowed to float and the
RUN/SS pin is held high (either by a logic signal or because
it is tied to VIN), then the LT3695’s internal circuitry will
pull its quiescent current through its SW pin. This is fine
if your system can tolerate a few mA in this state. If you
ground the RUN/SS pin, the SW pin current will drop to
essentially zero. However, if the VIN pin is grounded while
the output is held high, then parasitic diodes inside the
LT3695 can pull large currents from the output through
the SW pin and the VIN pin. Figure 8 shows a circuit that
will run only when the input voltage is present and that
protects against a shorted or reversed input.
APPLICATIONS INFORMATION
3695 F09
LT3695
VIN
VC
BACKUP
D4
MBRS140
VOUT
VIN
BD
GND
SW
DA
FB
RUN/SS
BOOST
PGND
Figure 8. Diode D4 Prevents a Shorted Input from Discharging
a Backup Battery Tied to the Output. It Also Protects the Circuit
from a Reversed Input. The Regulator Runs Only when the Input
is Present
PCB Layout
For proper operation and minimum EMI, care must be taken
during printed circuit board layout. Figure 9 shows the
recommended component placement with trace, ground
plane and via locations. Note that large, switched currents
flow in the LT3695’s VIN, SW and PGND pins, the catch
diode and the input capacitor (CIN). The loop formed by
these components should be as small as possible. These
VOUT
GND
C2
D1
RT
RC
C1
C3
L
VIN
GND
3695 F09
R1
R2
CC
Figure 9. A Good PCB Layout Ensures Proper,
Low EMI Operation
components, along with the inductor and output capacitor
(COUT), should be placed on the same side of the circuit
board, and their connections should be made on that layer.
All connections to GND should be made at a common
star ground point or directly to a local, unbroken ground
plane below these components. The SW and BOOST nodes
should be laid out carefully to avoid interference. Finally,
keep the FB, RT and VC nodes small so that the ground
traces will shield them from the SW and BOOST nodes.
To keep thermal resistance low, extend the ground plane
as much as possible and add thermal vias under and near
the LT3695 to any additional ground planes within the
circuit board and on the bottom side. Keep in mind that
the thermal design must keep the junctions of the IC below
the specified absolute maximum temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com