| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8579T/1 bảng dữ liệu(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8579T/1 bảng dữ liệu(HTML) 38 Page - NXP Semiconductors |
|
38 / 41 page ![]() PCF8579_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 11 May 2009 38 of 41 NXP Semiconductors PCF8579 LCD column driver for dot matrix graphic displays For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 15. Abbreviations MSL: Moisture Sensitivity Level Fig 28. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 19. Abbreviations Acronym Description CMOS Complementary Metal Oxide Semiconductor DC Direct Current I2C Inter-Integrated Circuit IC Integrated Circuit LCD Liquid Crystal Display LSB Least Significant Bit MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed-Circuit Board POR Power-On Reset RC Resistance-Capacitance RAM Random Access Memory RMS Root Mean Square SCL Serial Clock Line SDA Serial Data Line SMD Surface Mount Device |