công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8579T/1 bảng dữ liệu(PDF) 19 Page - NXP Semiconductors

tên linh kiện PCF8579T/1
Giải thích chi tiết về linh kiện  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579T/1 bảng dữ liệu(HTML) 19 Page - NXP Semiconductors

Back Button PCF8579T/1 Datasheet HTML 15Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 16Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 17Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 18Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 19Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 20Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 21Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 22Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
19 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
[1]
See operation code for set-start-bank in Table 9.
[2]
Values shown in decimal.
[1]
Values shown in decimal.
Table 11.
RAM-access - command bit description
Bit
Symbol
Value
Description
7
C
0, 1
see Table 7
6 to 4
-
111
fixed value
3, 2
G[1:0]
RAM access mode;
defines the auto-increment behavior of the
address for RAM access (see Figure 17)
00
character
01
half-graphic
10
full-graphic
11
not allowed[1]
1, 0
Y[1:0]
0 to 3[2]
RAM row address;
two bits of immediate data, transferred to the
Y-address pointer to define one of four display
RAM rows (see Figure 15)
Table 12.
Load-X-address - command bit description
Bit
Symbol
Value
Description
7
C
0, 1
see Table 7
6
-
0
fixed value
5 to 0
X[5:0]
0 to 39[1]
RAM column address;
six bits of immediate data, transferred to the
X-address pointer to define one of forty display
RAM columns (see Figure 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41