| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2921 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 83 page ![]() LPC2921_23_25_1 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 01 — 15 June 2009 15 of 83 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB found in the specific subsystem description. Some branch clocks have special protection since they clock vital system parts of the device and should not be switched off. See Section 6.15.5 for more details of how to control the individual branch clocks. Table 7. Base clock and branch clock overview Base clock Branch clock name Parts of the device clocked by this branch clock Remark BASE_SAFE_CLK CLK_SAFE watchdog timer [1] BASE_SYS_CLK CLK_SYS_CPU ARM968E-S and TCMs CLK_SYS_SYS AHB bus infrastructure CLK_SYS_PCRSS AHB side of bridge in PCRSS CLK_SYS_FMC Flash-Memory Controller CLK_SYS_RAM0 Embedded SRAM Controller 0 (16 kB) CLK_SYS_RAM1 Embedded SRAM Controller 1 (16 kB) (LPC2925 only) CLK_SYS_GESS General Subsystem CLK_SYS_VIC Vectored Interrupt Controller CLK_SYS_PESS Peripheral Subsystem [2] [4] CLK_SYS_GPIO0 GPIO bank 0 CLK_SYS_GPIO1 GPIO bank 1 CLK_SYS_GPIO5 GPIO bank 5 CLK_SYS_IVNSS_A AHB side of bridge of IVNSS CLK_SYS_MSCSS_A AHB side of bridge of MSCSS CLK_SYS_DMA GPDMA CLK_SYS_USB USB registers BASE_PCR_CLK CLK_PCR_SLOW PCRSS, CGU, RGU and PMU logic clock [1] [3] BASE_IVNSS_CLK CLK_IVNSS_APB APB side of the IVNSS CLK_IVNSS_CANCA CAN controller Acceptance Filter CLK_IVNSS_CANC0 CAN channel 0 CLK_IVNSS_CANC1 CAN channel 1 CLK_IVNSS_I2C0 I2C0 CLK_IVNSS_I2C1 I2C1 CLK_IVNSS_LIN0 LIN channel 0 CLK_IVNSS_LIN1 LIN channel 1 |