| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2921 bảng dữ liệu(PDF) 79 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2921 bảng dữ liệu(HTML) 79 Page - NXP Semiconductors |
|
79 / 83 page ![]() LPC2921_23_25_1 © NXP B.V. 2009. All rights reserved. Preliminary data sheet Rev. 01 — 15 June 2009 79 of 83 NXP Semiconductors LPC2921/2923/2925 ARM9 microcontroller with CAN, LIN, and USB 13. Abbreviations 14. References [1] UM10316 — LPC29xx user manual [2] ARM — ARM web site [3] ARM-SSP — ARM primecell synchronous serial port (PL022) technical reference manual [4] CAN — ISO 11898-1: 2002 road vehicles - Controller Area Network (CAN) - part 1: data link layer and physical signalling [5] LIN — LIN specification package, revision 2.0 Table 42. Abbreviations list Abbreviation Description AF Acceptance Filter AHB Advanced High-performance Bus AMBA Advanced Microcontroller Bus Architecture APB ARM Peripheral Bus CCO Current Controlled Oscillator CISC Complex Instruction Set Computers DMA Direct Memory Access DSP Digital Signal Processing DTL Device Transaction Level EOP End Of Packet ETB Embedded Trace Buffer ETM Embedded Trace Macrocell FIQ Fast Interrupt reQuest GPDMA General Purpose DMA GPIO General Purpose Input/Output IRQ Interrupt ReQuest LIN Local Interconnect Network LUT Look-Up Table MAC Media Access Control MSC Modulation and Sampling Control PHY PHYsical layer PLL Phase-Locked Loop Q-SPI Queued SPI RISC Reduced Instruction Set Computer SCU System Control Unit SFSP SCU Function Select Port TTL Transistor-Transistor Logic UART Universal Asynchronous Receiver Transmitter USB Universal Serial Bus |