| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPA032D02 bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPA032D02 bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 23 page ![]() TPA032D02 10-W STEREO CLASS-D AUDIO POWER AMPLIFIER SLOS243A – DECEMBER 1999 – REVISED MARCH 2000 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION class-D effect on power supply (continued) There is a minor power supply savings with a class-D amplifier versus a linear amplifier when amplifying sine waves. The difference is much larger when the amplifier is used strictly for music. This is because music has much lower RMS output power levels, given the same peak output power (see Figure 10); and although linear devices are relatively efficient at high RMS output levels, they are very inefficient at mid-to-low RMS power levels. The standard method of comparing the peak power to RMS power for a given signal is crest factor, whose equation is shown below. The lower RMS power for a set peak power results in a higher crest factor Crest Factor + 10 log P PK Prms Time PPK PRMS Figure 10. Audio Signal Showing Peak and RMS Power |