| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPA032D02 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPA032D02 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 23 page ![]() TPA032D02 10-W STEREO CLASS-D AUDIO POWER AMPLIFIER SLOS243A – DECEMBER 1999 – REVISED MARCH 2000 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Class-D amplifier faults Table 1. Class-D Amplifier Fault Table FAULT 0 FAULT 1 DESCRIPTION 1 1 No fault. The device is operating normally. 0 1 Charge pump under-voltage lock-out (VCP-UV) fault. All low-side transistors are turned on, shorting the load to ground. Once the charge pump voltage is restored, normal operation resumes, but FAULT1 is still active. This is not a latched fault, however. FAULT1 is cleared by cycling MUTE, SHUTDOWN, or the power supply. 0 0 Thermal fault. All the low-side transistors are turned on, shorting the load to ground. Once the junction temperature drops 20 °C, normal operation resumes (not a latched fault). But the FAULTx terminals are still set and are cleared by cycling MUTE, SHUTDOWN, or the power supply. AVAILABLE OPTIONS PACKAGED DEVICES TA TSSOP† (DCA) –40 °C to 125°C TPA032D02DCA † The DCA package is available in left-ended tape and reel. To order a taped and reeled part, add the suffix R to the part number (e.g., TPA032D02DCAR). |