| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS77C82 bảng dữ liệu(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 bảng dữ liệu(HTML) 41 Page - Texas Instruments |
|
41 / 73 page ![]() TMS370Cx6x 8-BIT MICROCONTROLLER SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997 41 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 serial communications interface 1 (SCI1) module (continued) RXCTL.4 – 2 FE OE PE RX ERROR SCICTL.3 TXWAKE SCICCR.6 SCICCR.5 EVEN / ODD ENABLE PARITY Frame Format and Mode WUT TXBUF.7 – 0 Transmit Data Buffer Reg. TXSHF Reg. TXCTL.7 TXCTL.6 TXRDY TX EMPTY SCI TX Interrupt TXCTL.0 TXENA 8 SCICTL.4 BAUD MSB. 7 – 0 Baud Rate MSbyte Reg. BAUD LSB. 7 – 0 Baud Rate LSbyte Reg. CLOCK SCICTL.1 SCITXD SCI TX INT ENA RXCTL.7 ERR RXSHF Reg. RXCTL.1 8 Receive Data Buffer Reg. RXBUF.7 – 0 RXENA RXCTL.6 RXCTL.5 RXRDY BRKDT SCI RX Interrupt RXCTL.0 SCI RX INT ENA SCIPRI.6 SCIPRI.5 Level 1 INT Level 2 INT Level 1 INT Level 2 INT SCITX PRIORITY SCIRX PRIORITY SCITXD SCIPC2.7 – 4 SCICLK SCIPC1.3 – 0 SCIRXD SCIRXD SCIPC2.3 – 0 SCICTL.0 RXWAKE 1 SYSCLK 0 1 0 1 Figure 15. SCI1 Block Diagram analog-to-digital converter 1 (ADC1) module The analog-to-digital (ADC1) converter module is an 8-bit, successive approximation converter with internal sample-and-hold circuitry. The module has eight multiplexed analog input channels that allow the processor to convert the voltage levels from up to eight different sources. The ADC1 module features include the following: D Minimum conversion time: 32.8 µs at 5-MHz SYSCLK D Ten external pins: – Eight analog input channels (AN0–AN7), any of which can be software configured as digital inputs (E0 – E7) if not needed as analog channels – AN1 – AN7 also can be configured as positive-input voltage reference. –VCC3: ADC1 module high-voltage reference input –VSS3: ADC1 module low-voltage reference input |