| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC549 bảng dữ liệu(PDF) 99 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC549 bảng dữ liệu(HTML) 99 Page - Texas Instruments |
|
99 / 111 page ![]() TMS320C54x, TMS320LC54x, TMS320VC54x FIXED-POINT DIGITAL SIGNAL PROCESSORS SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999 99 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 serial-port transmit timing in TDM mode switching characteristics over recommended operating conditions for serial-port transmit in TDM mode [H = 0.5tc(CO)] (see Figure 39) PARAMETER ’542 ’543 ’C54x-40 ’LC54x-40 ’LC54x-50 UNIT MIN MAX MIN MAX th(TCH-TDV) Hold time, TDAT / TADD valid after TCLK rising edge, TCLK external 3 0 ns th(TCH-TDV) Hold time, TDAT/TADD valid after TCLK rising edge, TCLK internal 1 – 5 ns t Delay time, TFRM valid after TCLK rising edge TCLK ext† H – 3 3H + 22 H – 3 3H + 22 ns td(TCH-TFV) Delay time, TFRM valid after TCLK rising edge, TCLK int† H – 3 3H + 12 H – 3 3H + 12 ns td(TC TDV) Delay time, TCLK to valid TDAT/TADD, TCLK ext 18 25 ns td(TC-TDV) Delay time, TCLK to valid TDAT/TADD, TCLK int 18 18 ns † TFRM timing and waveforms shown in Figure 39 are for internal TFRM. TFRM can also be configured as external. The TFRM external case is illustrated in the receive timing diagram in Figure 38. switching characteristics over recommended operating conditions for serial-port transmit in TDM mode [H = 0.5tc(CO)] (see Figure 39) PARAMETER ’54x-66 UNIT PARAMETER MIN MAX UNIT th(TCH-TDV) Hold time, TDAT / TADD valid after TCLK rising edge, TCLK external 1 ns th(TCH-TDV) Hold time, TDAT/TADD valid after TCLK rising edge, TCLK internal 1 ns t Delay time, TFRM valid after TCLK rising edge, TCLK ext† H – 3 3H+22 ns td(TCH-TFV) Delay time, TFRM valid after TCLK rising edge, TCLK int† H – 3 3H+12 ns td(TC TDV) Delay time, TCLK to valid TDAT/TADD, TCLK ext 25 ns td(TC-TDV) Delay time, TCLK to valid TDAT/TADD, TCLK int 18 ns † TFRM timing and waveforms shown in Figure 39 are for internal TFRM. TFRM can also be configured as external. The TFRM external case is illustrated in the receive timing diagram in Figure 38. |