công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC549 bảng dữ liệu(PDF) 52 Page - Texas Instruments

tên linh kiện TMS320VC549
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments TMS320VC549 Datasheet HTML 54Page - Texas Instruments TMS320VC549 Datasheet HTML 55Page - Texas Instruments TMS320VC549 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 13. ’54x Instruction Set Opcodes (Continued)
MNEMONIC SYNTAX
OPCODE
WORDS/
CYCLES†
DESCRIPTION
MNEMONIC SYNTAX
LSB
MSB
WORDS/
CYCLES†
DESCRIPTION
LOGICAL INSTRUCTIONS (CONTINUED)
OR #
lk [, SHFT ], src [, dst ]
Shift long-immediate operand, then OR with ACC
2/2
1111
00SD
0100
SHFT
OR #
lk, 16, src [, dst ]
Shift long-immediate 16 bits, then OR with ACC
2/2
1111
00SD
0110
0100
OR
src [, SHIFT ], [, dst ]
OR accumulator(s), then shift result
1/1
1111
00SD
101S
HIFT
ORM #
lk, Smem
OR memory with constant
2/2
0110
1001
IAAA
AAAA
ROL
src
Rotate accumulator left
1/1
1111
010S
1001
0001
ROLTC
src
Rotate accumulator left using TC
1/1
1111
010S
1001
0010
ROR
src
Rotate accumulator right
1/1
1111
010S
1001
0000
SFTA
src, SHIFT [, dst ]
Shift accumulator arithmetically
1/1
1111
01SD
011S
HIFT
SFTC
src
Shift accumulator conditionally
1/1
1111
010S
1001
0100
SFTL
src, SHIFT [, dst ]
Shift accumulator logically
1/1
1111
00SD
111S
HIFT
XOR
Smem, src
XOR operand with ACC
1/1
0001
110S
IAAA
AAAA
XOR
#lk [, SHFT], src [, dst ]
Shift long-immediate, then XOR with ACC
2/2
1111
00SD
0101
SHFT
XOR #
lk, 16, src [, dst ]
Shift long-immediate 16 bits, then XOR with ACC
2/2
1111
00SD
0110
0101
XOR
src [, SHIFT] [, dst ]
XOR accumulator(s), then shift result
1/1
1111
00SD
110S
HIFT
XORM #
lk, Smem
XOR memory with constant
2/2
0110
1010
IAAA
AAAA
MOVE INSTRUCTIONS
MVDD
Xmem, Ymem
Move within data memory, X/Y addressing
1/1
1110
0101
XXXX
YYYY
MVDK
Smem, dmad
Move data, destination addressing
2/2
0111
0001
IAAA
AAAA
MVDM
dmad, MMR
Move data to memory-mapped register
2/2
0111
0010
IAAA
AAAA
MVDP
Smem, pmad
Move data to program memory
2/4
0111
1101
IAAA
AAAA
MVKD
dmad, Smem
Move data with source addressing
2/2
0111
0000
IAAA
AAAA
MVMD
MMR, dmad
Move memory-mapped register to data
2/2
0111
0011
IAAA
AAAA
MVMM
MMRx, MMRy
Move between memory-mapped registers
1/1
1110
0111
MMRX
MMRY
MVPD
pmad, Smem
Move program memory to data memory
2/3
0111
1100
IAAA
AAAA
READA
Smem
Read data memory addressed by ACCA
1/5
0111
1110
IAAA
AAAA
WRITA
Smem
Write data memory addressed by ACCA
1/5
0111
1111
IAAA
AAAA
† Values for words and cycles assume the use of DARAM for data. Add one word and one cycle when using long-offset indirect addressing or
absolute addressing with a single data-memory operand.
‡ Delayed Instruction
§ Condition true
¶ Condition false
instruction set summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com