công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IQ36480HPC4FNRS bảng dữ liệu(PDF) 30 Page - SynQor Worldwide Headquarters

tên linh kiện IQ36480HPC4FNRS
Giải thích chi tiết về linh kiện  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNQOR [SynQor Worldwide Headquarters]
Trang chủ  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36480HPC4FNRS bảng dữ liệu(HTML) 30 Page - SynQor Worldwide Headquarters

Back Button IQ36480HPC4FNRS Datasheet HTML 22Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 23Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 24Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 25Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 26Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 27Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 28Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 29Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 30Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
Technical
Specification
IQ36-HPC Family
Product # IQ36xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005024 Rev. A
09/11/08
Page 30
PARt nUMBeRInG SYSteM
The part numbering system for SynQor’s dc-dc converters
follows the format shown in the example below.
Thefirst12characterscomprisethebasepartnumberand
the last 3 characters indicate available options.The “-G”
suffixindicates6/6RoHScompliance.
Application notes
Avarietyofapplicationnotesandtechnicalwhitepaperscan
be downloaded in pdf format from our website.
RoHS Compliance:TheEUledRoHS(RestrictionofHazardous
Substances) Directive bans the use of Lead, Cadmium,
Hexavalent Chromium, Mercury, Polybrominated Biphenyls
(PBB),andPolybrominatedDiphenylEther(PBDE)inElectrical
and Electronic Equipment.This SynQor product is 6/6 RoHS
compliant.For more information please refer to SynQor’s
RoHSaddendumavailableatourRoHSCompliance/LeadFree
Initiative web page or e-mail us at rohs@synqor.com.
ORDeRInG InFORMAtIOn
The tables below show the valid model numbers and ordering
optionsforconvertersinthisproductfamily.Whenordering
SynQorconverters,pleaseensurethatyouusethecomplete
15characterpartnumberconsistingofthe12characterbase
part number and the additional 3 characters for options.
A“-G”suffixindicatestheproductis6/6RoHScompliant.
The following options must be included in place of the x y z
spaces in the model numbers listed above.
PAtentS
SynQorholdsthefollowingpatents,oneormoreofwhich
mightapplytothisproduct:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
Warranty
SynQoroffersatwo(2)yearlimitedwarranty.Completewarranty
information is listed on our website or is available upon request from
SynQor.
Information furnished by SynQor is believed to be accurate and
reliable.However,noresponsibilityisassumedbySynQorforitsuse,
nor for any infringements of patents or other rights of third parties
whichmayresultfromitsuse.Nolicenseisgrantedbyimplicationor
otherwiseunderanypatentorpatentrightsofSynQor.
Contact SynQor for further information:
Phone:
978-849-0600
TollFree: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155SwansonRoad
Boxborough,MA01719
USA
Options Description:
x y z
Enable
Logic
Pin Length
Feature Set
N - Negative
R - 0.180"
S - Standard
ProductFamily
PackageSize
PerformanceLevel
ThermalDesign
OutputCurrent
6/6RoHS
Options
(seeOrderingInformation)
InputVoltage
OutputVoltage
Model Number
Continuous Input
Voltage
Output Voltage
Maximum
Output Current
IQ36018HPC60
xyz
18-75 V
1.8 V
60 A
IQ36033HPC50
xyz
18-75 V
3.3 V
50 A
IQ36050HPC40
xyz
18-75 V
5.0 V
40 A
IQ36070HPC30
xyz
18-75 V
7.0 V
30 A
IQ36120HPC18
xyz
18-75 V
12 V
18 A
IQ36150HPC14
xyz
18-75 V
15 V
14 A
IQ36240HPC09
xyz
18-75 V
24 V
9.0 A
IQ36280HPC7F
xyz
18-75 V
28 V
7.5 A
IQ36400HPC5F
xyz
18-75 V
40 V
5.5 A
IQ36480HPC4F
xyz
18-75 V
48 V
4.5 A
IQ 36 120 H P C 18 n R S - G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com