công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IQ36480HPC4FNRS bảng dữ liệu(PDF) 14 Page - SynQor Worldwide Headquarters

tên linh kiện IQ36480HPC4FNRS
Giải thích chi tiết về linh kiện  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNQOR [SynQor Worldwide Headquarters]
Trang chủ  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36480HPC4FNRS bảng dữ liệu(HTML) 14 Page - SynQor Worldwide Headquarters

Back Button IQ36480HPC4FNRS Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 14Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 15Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 16Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 17Page - SynQor Worldwide Headquarters IQ36480HPC4FNRS Datasheet HTML 18Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Product # IQ36xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005024 Rev. A
09/11/08
Page 14
Technical Specification
Input:
Output:
Current:
Part no.:
18-75 V
12 V
18 A
IQ36120HPC18
IQ36120HPC18 eLeCtRICAL CHARACteRIStICS (12 VOUt)
TA=25°C,airflowrate=300LFM,VIN=36Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cambient
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
typ.
Max.
Units
notes & Conditions
InPUt CHARACteRIStICS
MaximumInputCurrent
17.2
A
VIN min; trim up; in current limit
No-LoadInputCurrent
120
150
mA
DisabledInputCurrent
2
4
mA
ResponsetoInputTransient
0.58
V
SeeFigure6
InputTerminalRippleCurrent
300
mA
RMS
RecommendedInputFuse
TBD
A
Fastactingexternalfuserecommended
OUtPUt CHARACteRIStICS
OutputVoltageSetPoint
11.88
12
12.12
V
OutputVoltageRegulation
OverLine
±0.1
±0.3
%
OverLoad
±0.1
±0.3
%
OverTemperature
-180
180
mV
TotalOutputVoltageRange
11.700
12.300
V
Oversample,line,load,temperature&life
OutputVoltageRippleandNoise1
20MHzbandwidth
Peak-to-Peak
0
90
180
mV
FullLoad
RMS
18
40
mV
FullLoad
OperatingOutputCurrentRange
0
18
A
Subjecttothermalderating
OutputDCCurrent-LimitInception
19.8
21.6
23.4
A
OutputVoltage10%Low
OutputDCCurrent-LimitShutdownVoltage
7
V
Back-DriveCurrentLimitwhileEnabled
0.5
A
Negativecurrentdrawnfromoutput
Back-DriveCurrentwhileDisabled
1
mA
Negativecurrentdrawnfromoutput
MaximumOutputCapacitance
1,500
µF
VOUTnominalatfullload(resistiveload)
OutputVoltageduringLoadCurrentTransient
StepChangeinOutputCurrent(0.1A/µs)
380
mV
50%to75%to50%IOUT max
SettlingTime
100
µs
Towithin1%VOUT nom
OutputVoltageTrimRange
-20
10
%
AcrossPins8&4;CommonFigure3-5
OutputVoltageRemoteSenseRange
10
%
Across Pins 8 & 4
OutputOver-VoltageProtection
14.04
14.64
15.24
V
Overfulltemperaturerange
eFFICIenCY
100%Load
92
%
SeeFigure1forefficiencycurve
50%Load
93
%
SeeFigure1forefficiencycurve
note 1:Outputisterminatedwith1µFceramicand15µFlow-ESRtantalumcapacitors.Forapplicationsrequiringreducedoutputvoltagerippleand
noise,consultSynQorapplicationssupport(e-mail:support@synqor.com)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com