| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12CPUV2D bảng dữ liệu(PDF) 20 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2D bảng dữ liệu(HTML) 20 Page - Motorola, Inc |
|
20 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 20 • Registers – Do not write or read CAN0 registers (after reset: address range $0140 - $017F), if using a derivative without CAN0 (see Table 0-1). – Do not write or read CAN1 registers (after reset: address range $0180 - $01BF), if using a derivative without CAN1 (see Table 0-1). – Do not write or read CAN4 registers (after reset: address range $0280 - $02BF), if using a derivative without CAN4 (see Table 0-1). – Do not write or read BDLC registers (after reset: address range $00E8 - $00EF), if using a derivative without BDLC (see Table 0-1). – Do not write or read IIC registers (after reset: address range $00E0 - $00E7), if using a derivative without IIC (see Table 0-1). – Do not write or read Byteflight registers (after reset: address range $0300 - $035F), if using a derivative without Byteflight registers (see Table 0-1). • Interrupts – Fill the four CAN0 interrupt vectors ($FFB0 - $FFB7) according to your coding policies for unused interrupts, if using a derivative without CAN0 (see Table 0-1). – Fill the four CAN1 interrupt vectors ($FFA8 - $FFAF) according to your coding policies for unused interrupts, if using a derivative without CAN1 (see Table 0-1). – Fill the four CAN4 interrupt vectors ($FF90 - $FF97) according to your coding policies for unused interrupts, if using a derivative without CAN4 (see Table 0-1). – Fill the BDLC interrupt vector ($FFC2, $FFC3) according to your coding policies for unused interrupts, if using a derivative without BDLC (see Table 0-1). – Fill the IIC interrupt vector ($FFC0, $FFC1) according to your coding policies for unused interrupts, if using a derivative without IIC (see Table 0-1). – Fill the four Byteflight interrupt vectors ($FFA0 - $FFA7) according to your coding policies for unused interrupts, if using a derivative without Byteflight (see Table 0-1). • Ports – The CAN0 pin functionality (TXCAN0, RXCAN0) is not available on port PJ7, PJ6, PM5, PM4, PM3, PM2, PM1 and PM0, if using a derivative without CAN0 (see Table 0-1). – The CAN1 pin functionality (TXCAN1, RXCAN1) is not available on port PM3 and PM2, if using a derivative without CAN1 (see Table 0-1). – The CAN4 pin functionality (TXCAN4, RXCAN4) is not available on port PJ7, PJ6, PM7, PM6, PM5 and PM4, if using a derivative without CAN4 (see Table 0-1). – The BDLC pin functionality (TXB, RXB) is not available on port PM1 and PM0, if using a derivative without BDLC (see Table 0-1). – The IIC pin functionality (SCL, SCA) is not available on port PJ7 and PJ6, if using a derivative without IIC (see Table 0-1). |