| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12CPUV2D bảng dữ liệu(PDF) 60 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2D bảng dữ liệu(HTML) 60 Page - Motorola, Inc |
|
60 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 60 Figure 2-3 Pin Assignments in 80 QFP for MC9S12DB128 Bondout 2.2 Signal Properties Summary Table 2-1 summarizes the pin functionality. Signals shown in Bold are not available in any of the two the 80 pin package options. Signals shown in Bold-Italics are not available on the MC9S12DG128E, MC9S12DG128, MC9S12DJ128E, and MC9S12DJ128 package option. Signals shown in Italics are not available on MC9S12DB128 package option Table 2-1 Signal Properties Pin Name Function 1 Pin Name Function 2 Pin Name Function 3 Pin Name Function 4 Pin Name Function 5 Powered by Internal Pull Resistor Description CTRL Reset State EXTAL ———— VDDPLL NA NA Oscillator Pins XTAL ———— VDDPLL NA NA 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 MC9S12DB128 80 QFP VRH VDDA PAD07/AN07/ETRIG0 PAD06/AN06 PAD05/AN05 PAD04/AN04 PAD03/AN03 PAD02/AN02 PAD01/AN01 PAD00/AN00 VSS2 VDD2 PA7/ADDR15/DATA15 PA6/ADDR14/DATA14 PA5/ADDR13/DATA13 PA4/ADDR12/DATA12 PA3/ADDR11/DATA11 PA2/ADDR10/DATA10 PA1/ADDR9/DATA9 PA0/ADDR8/DATA8 SS1/PWM3/KWP3/PP3 SCK1/PWM2/KWP2/PP2 MOSI1/PWM1/KWP1/PP1 MISO1/PWM0/KWP0/PP0 IOC0/PT0 IOC1/PT1 IOC2/PT2 IOC3/PT3 VDD1 VSS1 IOC4/PT4 IOC5/PT5 IOC6/PT6 IOC7/PT7 MODC/TAGHI/BKGD ADDR0/DATA0/PB0 ADDR1/DATA1/PB1 ADDR2/DATA2/PB2 ADDR3/DATA3/PB3 ADDR4/DATA4/PB4 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 |