| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12CPUV2D bảng dữ liệu(PDF) 40 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2D bảng dữ liệu(HTML) 40 Page - Motorola, Inc |
|
40 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 40 $00A9 PWMSCLB Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00AA PWMSCNTA Test Only Read: 00000000 Write: $00AB PWMSCNTB Test Only Read: 00000000 Write: $00AC PWMCNT0 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00AD PWMCNT1 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00AE PWMCNT2 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00AF PWMCNT3 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00B0 PWMCNT4 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00B1 PWMCNT5 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00B2 PWMCNT6 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00B3 PWMCNT7 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: 00000000 $00B4 PWMPER0 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00B5 PWMPER1 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00B6 PWMPER2 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00B7 PWMPER3 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00B8 PWMPER4 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00B9 PWMPER5 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00BA PWMPER6 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00BB PWMPER7 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00BC PWMDTY0 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00BD PWMDTY1 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00BE PWMDTY2 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00BF PWMDTY3 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00C0 PWMDTY4 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00C1 PWMDTY5 Read: Bit 7 6 5 4 3 2 1 Bit 0 Write: $00A0 - $00C7 PWM (Pulse Width Modulator 8 Bit 8 Channel) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |