| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201ACD bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201ACD bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 62 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 27 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2202I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2202AI TLC2202BI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 80 500 80 500 µV VIO In ut offset voltage Full range 700 700 µV αVIO Temperature coefficient of VIC =0 RS =50 Ω Full range 05 05 µV/°C αVIO input offset voltage VIC = 0, RS = 50 Ω Full range 0.5 0.5 µV/°C Input offset voltage long-term drift (see Note 4) 25 °C 0.001 0.005 0.001 0.005 µV/mo IIO Input offset current 25 °C 0.5 0.5 pA IIO In ut offset current VIC =0 RS =50 Ω Full range 150 150 A IIB Input bias current VIC = 0, RS = 50 Ω 25 °C 1 1 pA IIB In ut bias current Full range 150 150 A Common mode input 0 0 VICR Common-mode input voltage range RS = 50 Ω Full range to to V voltage range 2.7 2.7 VOH Maximum high-level output RL =10kΩ 25 °C 4.7 4.8 4.7 4.8 V VOH g voltage RL = 10 kΩ Full range 4.7 4.7 V VOL Maximum low-level output IO =0 25 °C 0 50 0 50 mV VOL voltage IO = 0 Full range 50 50 mV VO = 1 V to 4 V, 25 °C 150 315 150 315 AVD Large-signal differential O RL = 500 kΩ Full range 100 100 V/mV AVD gg voltage amplification VO =1 V to 4 V, 25 °C 25 55 25 55 V/mV O RL = 10 kΩ Full range 15 15 CMRR Common-mode rejection ratio VIC = VICRmin, 25 °C 75 110 75 110 dB CMRR Common-mode rejection ratio IC ICR VO = 0, RS = 50 Ω Full range 75 75 dB kSVR Supply-voltage rejection ratio VDD =4 6Vto16V 25 °C 80 110 80 110 dB kSVR yg j ( ∆VDD±/∆VIO) VDD = 4.6 V to 16 V Full range 80 80 dB IDD Supply current VO =2 5V No load 25 °C 1.7 2.6 1.7 2.6 mA IDD Su ly current VO = 2.5 V, No load Full range 2.6 2.6 mA † Full range is – 40 °C to 85°C NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. TLC2202I operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA† TLC2202AI TLC2202BI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT V 0 5Vto2 5V 25 °C 16 25 16 25 SR Slew rate at unity gain VO = 0.5 V to 2.5 V, 25 °C 1.6 2.5 1.6 2.5 V/ µs SR Slew rate at unity gain O RL = 10 kΩ,CL = 100 pF Full range 1 1 V/ µs Vn Equivalent input noise voltage f = 10 Hz 25 °C 18 35 18 30 nV/ √Hz Vn qg (see Note 5) f = 1 kHz 25 °C 8 15 8 12 nV/ √Hz VN(PP) Peak-to-peak equivalent f = 0.1 to 1 Hz 25 °C 0.5 0.5 µV VN(PP) q input noise voltage f = 0.1 to 10 Hz 25 °C 0.7 0.7 µV In Equivalent input noise current 25 °C 0.6 0.6 fA/ √Hz f=10kHz RL =10kΩ Gain-bandwidth product f = 10 kHz, RL = 10 kΩ, C 100 pF 25 °C 1.9 1.9 MHz CL = 100 pF φm Phase margin at unity gain RL =10kΩ CL = 100 pF 25 °C 47 ° 47 ° φm Phase margin at unity gain RL = 10 kΩ, CL = 100 F 25 °C 47 ° 47 ° † Full range is – 40 °C to 85°C NOTE 5: This parameter is tested on a sample basis for the TLC2202A and on all devices for the TLC2202B. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. |