| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201ACD bảng dữ liệu(PDF) 44 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201ACD bảng dữ liệu(HTML) 44 Page - Texas Instruments |
|
44 / 62 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 44 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS – 500 – 300 – 100 VIO – Input Offset Voltage – µV 12 8 4 0 100 16 20 300 500 DISTRIBUTION OF TLC2201 INPUT OFFSET VOLTAGE 408 Units Tested From 2 Wafer Lots VDD ± = ±5 V TA = 25°C P Package Figure 5 Figure 6 8 6 2 0 –1000 200 10 14 16 600 1000 4 12 TLC2202 DISTRIBUTION OF INPUT OFFSET VOLTAGE VIO – Input Offset Voltage – µV VDD ± = ±15 V 1726 Amplifiers Tested From 1 Wafer Lot – 600 – 200 TA = 25°C P Package Figure 7 –5 0 8 4 2 6 INPUT BIAS CURRENT vs COMMON-MODE INPUT VOLTAGE 10 –2 –4 –6 –8 –10 – 4 – 3 – 2 – 1 01 2345 VIC – Common-Mode Input Voltage – V VDD ± = ±5 V TA = 25°C Figure 8 150 100 50 0 25 45 65 85 200 250 300 105 125 INPUT BIAS CURRENT† vs FREE-AIR TEMPERATURE TA – Free-Air Temperature – °C VO = 0 VIC = 0 VDD ± = ±5 V † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |