| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201ACD bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201ACD bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 62 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 35 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2202M electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2202AM TLC2202BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 80 500 80 500 µV VIO In ut offset voltage Full range 750 750 µV αVIO Temperature coefficient VIC =0 RS =50 Ω Full range 05 05 µV/°C αVIO of input offset voltage VIC = 0, RS = 50 Ω Full range 0.5 0.5 µV/°C Input offset voltage long-term drift (see Note 4) 25 °C 0.001 0.005* 0.001 0.005* µV/mo IIO Input offset current 25 °C 0.5 0.5 pA IIO In ut offset current VIC =0 RS =50 Ω Full range 500 500 A IIB Input bias current VIC = 0, RS = 50 Ω 25 °C 1 1 pA IIB In ut bias current Full range 500 500 A Common mode input –5 –5 VICR Common-mode input voltage range RS = 50 Ω Full range to to V voltage range 2.7 2.7 VOM Maximum positive peak 25 °C 4.7 4.8 4.7 4.8 V VOM + output voltage swing RL =10kΩ Full range 4.7 4.7 V VOM Maximum negative peak RL = 10 kΩ 25 °C – 4.7 – 4.9 – 4.7 – 4.9 V VOM – g output voltage swing Full range – 4.7 – 4.7 V VO = ± 4 V, 25 °C 300 560 300 560 AVD Large-signal differential O RL = 500 kΩ Full range 100 100 V/mV AVD gg voltage amplification VO = ± 4 V, 25 °C 50 100 50 100 V/mV O RL = 10 kΩ Full range 25 25 CMRR Common-mode rejection VO = 0, VIC = VICRmin, 25 °C 80 115 80 115 dB CMRR j ratio OIC ICR RS = 50 Ω Full range 80 80 dB kSVR Supply-voltage rejection VDD ± = ±2 3Vto ±8V 25 °C 80 110 80 110 dB kSVR yg j ratio ( ∆VDD± /∆VIO) VDD ± = ±2.3 V to ±8 V Full range 80 80 dB IDD Supply current VO =0 No load 25 °C 1.8 2.7 1.8 2.7 mA IDD Su ly current VO = 0, No load Full range 2.7 2.7 mA * On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is – 55 °C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |