công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TIR2000 bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện TIR2000
Giải thích chi tiết về linh kiện  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 20Page - Texas Instruments TIR2000 Datasheet HTML 21Page - Texas Instruments TIR2000 Datasheet HTML 22Page - Texas Instruments TIR2000 Datasheet HTML 23Page - Texas Instruments TIR2000 Datasheet HTML 24Page - Texas Instruments TIR2000 Datasheet HTML 25Page - Texas Instruments TIR2000 Datasheet HTML 26Page - Texas Instruments TIR2000 Datasheet HTML 27Page - Texas Instruments TIR2000 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
2–12
•
Enable/disable the sleep mode. For normal operation, the sleep mode is disabled.
•
Enable/disable the store and controlled data transmission. For normal operation, disable the
SCT.
•
Select the frame-closing method to set-EOT-bit (MDR[7]) to 1.
5.
Program the TV configuration register (TVCFG) to:
•
Select the modulation mode (C_PLS, 6_PLS OR 8_PLS).
•
Enable/disable the receiver internal demodulation.
•
Select programmed T-period mode or over-sampling mode. For normal operation select
programmed T-period mode.
•
Enable/disable the run-length coding mode.
•
Select the TX carrier-frequency range.
•
Select the RX carrier-frequency range.
•
Write a 0 to the RX-active bit (TVCFG[7]). When set to a 1, this bit sets the device to sample
the infrared data even if the carrier frequency is out of range. This bit is normally used to
disable the RX when required. The RX automatically enables when infrared is detected and
the carrier frequency is in the programmed range.
2.1.5.1
TV Data-Transmission Mode
The following register programming steps are required for data transmission in the TV mode:
1.
Program the PLR to select the TX FIFO trigger level
2.
Reset the TX FIFO. This includes the following:
•
Write to the LCR register to set the LCR[7] bit to a 1. The LCR[7] bit must be a 1 to be able to
write to the FCR(5) bit.
•
Program the FCR register to select 64-/16-bytes TX FIFO, non-DMA mode of operation,
select the RX FIFO trigger level and to clear the TX FIFO.
•
Write the LCR register so that the LCR[7] bit = 0 (for normal operation).
3.
Program the IER register to enable only the data-transmission related interrupts. This includes
the following:
•
Enable the TX threshold interrupt.
•
Enable the TX underrun interrupt.
•
Disable the RX FIFO over threshold interrupt.
•
Disable the RX FIFO overrun error interrupt.
4.
Program the TX modulation carrier-frequency register (TVMDCFG) to select the desired carrier
frequency and its pulse duration.
5.
Write a 1 to the ACREG[7] bit to enable data transmission.
6.
Write a 1 to the MCR[3] bit to enable the selected IRQ channel.
This completes the programming of registers and the device is ready for data transmission. The TV data
transmission only supports the set-EOT-bit method, thus the CPU must write a 1 to the ACREG[0] bit prior
to writing the last byte of a frame to the TX FIFO. The CPU receives an interrupt and reads the IIR to identify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com