| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT3638PCB bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT3638PCB bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 30 page ![]() SN74ACT3638 512 × 32 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCAS228D – JUNE 1992 – REVISED APRIL 1998 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 tpd(W-R) W/RA RDYA Inverse of ORA Inverse of IRA tpd(W- R) Figure 11. W/RA to RDYA Timing tpd(W-R) W/RB RDYB Inverse of ORB Inverse of IRB tpd(W- R) Figure 12. W/RB to RDYB Timing tpd(C-AE) tsu(EN) CLKA AEB ENB ENA th(EN) tsu(EN) tsk2† X1 Words in FIFO1 1 CLKB 2 tpd(C-AE) th(EN) (X1 + 1) Words in FIFO1 † tsk2 is the minimum time between a rising CLKA edge and a rising CLKB edge for AEB to transition high in the next CLKB cycle. If the time between the rising CLKA edge and rising CLKB edge is less than tsk2, then AEB may transition high one CLKB cycle later than shown. NOTE A: FIFO1 write (CSA = L, W/RA = H, MBA = L), FIFO1 read (CSB = L, W/RB = H, MBB = L). Data in the FIFO1 output register has been read from the FIFO. Figure 13. Timing for AEB When FIFO1 Is Almost Empty tsu(EN) CLKB AEA ENA ENB th(EN) tsu(EN) tsk2‡ tpd(C-AE) X2 Words in FIFO2 1 CLKA 2 tpd(C-AE) th(EN) (X2 + 1) Words in FIFO2 ‡ tsk2 is the minimum time between a rising CLKB edge and a rising CLKA edge for AEA to transition high in the next CLKA cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tsk2, then AEA may transition high one CLKA cycle later than shown. NOTE A: FIFO2 write (CSB = L, W/RB = L, MBB = L), FIFO2 read (CSA = L, W/RA = L, MBA = L). Data in the FIFO2 output register has been read from the FIFO. Figure 14. Timing for AEA When FIFO2 Is Almost Empty |