công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6908CS6-1 bảng dữ liệu(PDF) 4 Page - Linear Technology

tên linh kiện LTC6908CS6-1
Giải thích chi tiết về linh kiện  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-1 bảng dữ liệu(HTML) 4 Page - Linear Technology

  LTC6908CS6-1 Datasheet HTML 1Page - Linear Technology LTC6908CS6-1 Datasheet HTML 2Page - Linear Technology LTC6908CS6-1 Datasheet HTML 3Page - Linear Technology LTC6908CS6-1 Datasheet HTML 4Page - Linear Technology LTC6908CS6-1 Datasheet HTML 5Page - Linear Technology LTC6908CS6-1 Datasheet HTML 6Page - Linear Technology LTC6908CS6-1 Datasheet HTML 7Page - Linear Technology LTC6908CS6-1 Datasheet HTML 8Page - Linear Technology LTC6908CS6-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6908-1/LTC6908-2
4
690812fa
TEMPERATURE (
°C)
–40
20
60
690812 G06
–20
0
40
800
400
450
500
550
600
650
700
750
80
V+ = 5V
V+ = 3V
CL 5pF ON BOTH OUTPUTS
FREQUENCY = 1MHz
SSFM DISABLED
RSET (Ω)
10k
5
4
3
2
1
0
–1
–2
–3
–4
–5
100k
1M
10M
690812 G01
TA = 25°C
TYPICAL MAX
GUARANTEED MAX
OVER TEMPERATURE
GUARANTEED MIN
OVER TEMPERATURE
TYPICAL MIN
RSET (Ω)
10k
5
4
3
2
1
0
–1
–2
–3
–4
–5
100k
1M
10M
690812 G02
TA = 25°C
TYPICAL MAX
GUARANTEED MAX
OVER TEMPERATURE
GUARANTEED MIN
OVER TEMPERATURE
TYPICAL MIN
TEMPERATURE (
°C)
–40
20
60
690812 G03
–20
0
40
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
80
TYPICAL MAX
TYPICAL MIN
FREQUENCY (Hz)
10k
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100k
1M
10M
690812 G04
5V
3V
FREQUENCY (Hz)
10k
2.0
1.5
1.0
0.5
0
100k
1M
10M
690812 G05
5V SSFM DISABLED
3V SSFM DISABLED
5V SSFM ENABLED
3V SSFM ENABLED
Frequency Error vs RSET,
V+ = 3V
Frequency Error vs RSET,
V+ = 5V
Frequency Error vs Temperature
Peak to Peak Jitter vs Output
Frequency
Supply Current vs Output
Frequency
Supply Current vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: LTC6908C and LTC6908I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 3: LTC6908C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6908C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6908I is guaranteed to meet
the specified performance limits from –40°C to 85°C. The LTC6908H is
guaranteed to meet the specified performance limits from –40°C to 125°C.
Note 4: Frequency accuracy is defined as the deviation from the fOUT
equation.
Note 5: Guaranteed by 5V test
Note 6: To conform to the Logic IC Standard, current out of a pin is
arbitrarily given a negative value.
Note 7: Output rise and fall times are measured between the 10% and the
90% power supply levels with no output loading. These specifications are
based on characterization.
Note 8: Long term drift on silicon oscillators is primarily due to the
movement of ions and impurities within the silicon and is tested at 30°C
under otherwise nominal operating conditions. Long term drift is specified
as ppm/√kHr due to the typically non-linear nature of the drift. To calculate
drift for a set time period, translate that time into thousands of hours, take
the square root and multiply by the typical drift number. For instance, a
year is 8.77kHr and would yield a drift of 888ppm at 300ppm/√kHr. Ten
years is 87.7kHr and would yield a drift of 2,809 ppm at 300 ppm/√kHr.
Drift without power applied to the device may be approximated as 1/10th
of the drift with power, or 30ppm/√kHr for a 300ppm/√kHr device.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com