công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6908CS6-1 bảng dữ liệu(PDF) 9 Page - Linear Technology

tên linh kiện LTC6908CS6-1
Giải thích chi tiết về linh kiện  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-1 bảng dữ liệu(HTML) 9 Page - Linear Technology

Back Button LTC6908CS6-1 Datasheet HTML 5Page - Linear Technology LTC6908CS6-1 Datasheet HTML 6Page - Linear Technology LTC6908CS6-1 Datasheet HTML 7Page - Linear Technology LTC6908CS6-1 Datasheet HTML 8Page - Linear Technology LTC6908CS6-1 Datasheet HTML 9Page - Linear Technology LTC6908CS6-1 Datasheet HTML 10Page - Linear Technology LTC6908CS6-1 Datasheet HTML 11Page - Linear Technology LTC6908CS6-1 Datasheet HTML 12Page - Linear Technology LTC6908CS6-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6908-1/LTC6908-2
9
690812fa
APPLICATIO S I FOR ATIO
SELECTING THE FREQUENCY-SETTING RESISTOR
The LTC6908 has an output frequency range spanning
50kHz to 10MHz. However, accuracy may suffer if the
oscillator is operated at a frequency greater than 5MHz with
a supply voltage lower than 4V. With a linear relationship
correspondence between oscillation period and resistance,
a simple equation relates resistance with frequency.
RSET =10k • 10MHz/fOUT
RSETMIN = 10k (5V supply), 20k (3V supply),
RSETMAX = 2M
Any resistor, RSET, tolerance will shift the output frequency,
fOUT.
ALTERNATIVE METHODS OF SETTING THE OUTPUT
FREQUENCY OF THE LTC6908
The oscillator may be programmed by any method that
sources a current into the SET pin. The circuit in Figure 5
sets the oscillator frequency using a programmable current
source and in the expression for fOUT, the resistor RSET is
replaced by the ratio of 1.1V/ICONTROL.Asalreadyexplained
in the Operation section, the voltage difference between
V+ and SET is approximately 1.1V ±5%, therefore, the
Figure 5 circuit is less accurate than if a resistor controls
the output frequency.
Figure 5. Current Controlled Oscillator
Figure 6 shows the LTC6908 configured as a VCO. A voltage
source is connected in series with an external 10k resis-
tor. The output frequency, fOUT, will vary with VCONTROL,
that is the voltage source connected between V+ and the
SET pin. Again, this circuit decouples the relationship
between the input current and the voltage between V+
Figure 6. Voltage Controlled Oscillator
and SET; the frequency accuracy will be degraded. The
oscillator frequency, however, will increase monotonically
with decreasing VCONTROL.
SETTING THE MODULATION RATE OF THE LTC6908
The modulation rate of the LTC6908 is equal to fOUT/N,
where N is the modulation rate divider setting, which is
determined by the state of the MOD pin. The MOD pin should
be tied to ground for the N = 16 setting. Floating the MOD
pin selects N = 32. The MOD pin should be tied to V+ for
the N = 64 setting. To disable the SSFM, connect one of
the outputs to the MOD pin. An AC detector circuit shuts
down the modulation circuitry if a frequency that is close
to the output frequency is detected at the MOD pin.
DRIVING LOGIC CIRCUITS
The outputs of the LTC6908 are suitable for driving gen-
eral digital logic circuits. However, the form of frequency
spreading used in the LTC6908 may not be suitable for
many logic designs. Many logic designs have fairly tight
timing and cycle-to-cycle jitter requirements. These sys-
tems often benefit from a spread spectrum clocking system
where the frequency is slowly and linearly modulated by a
triangular waveform, not a pseudorandom waveform. This
type of frequency spreading maintains a minimal difference
in the timing from one clock edge to the next adjacent
clock edge (cycle-to-cycle jitter). The LTC6908 uses a
pseudorandom modulating signal where the frequency
transitions have been slowed and the corners rounded
by a first order lowpass filter with a corner frequency set
to the modulation rate (fOUT/N), where N is the modula-
tion rate divider setting, which is determined by the state
CBYP
ICONTROL
OUT1
OUT2
OUT1
fOUT = 10k • (10MHz/1.13V) • ICONTROL(A)
OUT2
MOD
V+
V+
V+
FLOAT
GND
SET
690812 F05
CBYP
VCONTROL
OUT1
OUT2
OUT1
fOUT = 10k • 10MHz/RSET(1 – VCONTROL/1.13V)
OUT2
MOD
V+
V+
V+
FLOAT
GND
SET
690812 F06
RSET
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com