công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6908CS6-1 bảng dữ liệu(PDF) 11 Page - Linear Technology

tên linh kiện LTC6908CS6-1
Giải thích chi tiết về linh kiện  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC6908CS6-1 bảng dữ liệu(HTML) 11 Page - Linear Technology

Back Button LTC6908CS6-1 Datasheet HTML 7Page - Linear Technology LTC6908CS6-1 Datasheet HTML 8Page - Linear Technology LTC6908CS6-1 Datasheet HTML 9Page - Linear Technology LTC6908CS6-1 Datasheet HTML 10Page - Linear Technology LTC6908CS6-1 Datasheet HTML 11Page - Linear Technology LTC6908CS6-1 Datasheet HTML 12Page - Linear Technology LTC6908CS6-1 Datasheet HTML 13Page - Linear Technology LTC6908CS6-1 Datasheet HTML 14Page - Linear Technology LTC6908CS6-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6908-1/LTC6908-2
11
690812fa
RSET (Ω)
100
1000
1k
100k
1M
10M
690812 F07
10
10k
10000
TA = 25°C
V+ = 3V
and load response are maintained while peak electromag-
netic radiation (or conduction) is reduced. Output ripple
may be somewhat increased, but its behavior is very much
like noise and its system impact is benign.
HIGH FREQUENCY REJECTION
Using the LTC6908 in spread spectrum mode naturally
eliminates any concerns for output frequency accuracy
and stability as it is continually hopping to new settings.
In fixed frequency applications however, some attention to
V+ supply voltage ripple is required to minimize additional
output frequency error. Ripple frequency components on
the supply line near the programmed output frequency of
the LTC6908 in excess of 30mVP-P could create an addi-
tional 0.2% of frequency error. In applications where a fixed
frequency LTC6908 output clock is used to synchronize
the same switching regulator that provides the V+ supply
to the oscillator, noticeable jitter of the clock may occur
if the ripple exceeds 30mVP-P.
START-UP TIME
The start-up time and settling time to within 1% of the final
value can be estimated by tSTART ≈ RSET • (2.5µs/k) + 10µs.
For instance, with RSET = 100k, the LTC6908 will settle to
within 1% of its 1MHz final value in approximately 260µs.
APPLICATIO S I FOR ATIO
Figure 7 shows start-up times for various RSET resistors.
An internal counter mutes the outputs for the first 64 clock
cycles after power-up, ensuring that the first clock cycle
is close to the desired operating frequency.
JITTER
The Peak-to-Peak Jitter vs Output Frequency graph, in
the Typical Performance Characteristics section, shows
the typical clock jitter as a function of oscillator frequency
and power supply voltage. These specifications assume
that the capacitance on SET is limited to less than 10pF,
as suggested in the Pin Functions description. If this
requirement is not met, the jitter will increase.
Figure 7. Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com