công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APA600-FGGES bảng dữ liệu(PDF) 14 Page - Actel Corporation

tên linh kiện APA600-FGGES
Giải thích chi tiết về linh kiện  ProASIC Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTEL [Actel Corporation]
Trang chủ  http://www.actel.com
Logo ACTEL - Actel Corporation

APA600-FGGES bảng dữ liệu(HTML) 14 Page - Actel Corporation

Back Button APA600-FGGES Datasheet HTML 10Page - Actel Corporation APA600-FGGES Datasheet HTML 11Page - Actel Corporation APA600-FGGES Datasheet HTML 12Page - Actel Corporation APA600-FGGES Datasheet HTML 13Page - Actel Corporation APA600-FGGES Datasheet HTML 14Page - Actel Corporation APA600-FGGES Datasheet HTML 15Page - Actel Corporation APA600-FGGES Datasheet HTML 16Page - Actel Corporation APA600-FGGES Datasheet HTML 17Page - Actel Corporation APA600-FGGES Datasheet HTML 18Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 8
v5.7
Array Coordinates
During many place-and-route operations in Actel’s
Designer software tool, it is possible to set constraints
that require array coordinates.
Table 1-2 is provided as a reference. The array coordinates
are measured from the lower left (0,0). They can be used in
region constraints for specific groups of core cells, I/Os, and
RAM blocks. Wild cards are also allowed.
I/O and cell coordinates are used for placement
constraints. Two coordinate systems are needed because
there is not a one-to-one correspondence between I/O
cells and core cells. In addition, the I/O coordinate system
changes depending on the die/package combination.
Core cell coordinates start at the lower left corner
(represented as (1,1)) or at (1,5) if memory blocks are
present at the bottom. Memory coordinates use the
same system and are indicated in Table 1-2. The memory
coordinates for an APA1000 are illustrated in Figure 1-8.
For more information on how to use constraints, see the
Designer User’s Guide or online help for ProASICPLUS
software tools.
Table 1-2 •
Array Coordinates
Device
Logic Tile
Memory Rows
All
Min.
Max.
Bottom
Top
xy
x
y
y
y
Min.
Max.
APA075
1
1
96
32
–
(33,33) or (33, 35)
0,0
97, 37
APA150
1
1
128
48
–
(49,49) or (49, 51)
0,0
129, 53
APA300
1
5
128
68
(1,1) or (1,3)
(69,69) or (69, 71)
0,0
129, 73
APA450
1
5
192
68
(1,1) or (1,3)
(69,69) or (69, 71)
0,0
193, 73
APA600
1
5
224
100
(1,1) or (1,3)
(101,101) or (101, 103)
0,0
225, 105
APA750
1
5
256
132
(1,1) or (1,3)
(133,133) or (133, 135)
0,0
257, 137
APA1000
1
5
352
164
(1,1) or (1,3)
(165,165) or (165, 167)
0,0
353, 169
Figure 1-8 • Core Cell Coordinates for the APA1000
(353,169)
(352,167)
(352,165)
(352,164)
(352,5)
(352,3)
(353,0)
(352,1)
(1,5)
(1,1)
(1,164)
(1,165)
(1,3)
(1,167)
(1,169)
(0,0)
Core
Memory
Blocks
Memory
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More