công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1787HVCMS8 bảng dữ liệu(PDF) 12 Page - Linear Technology

tên linh kiện LT1787HVCMS8
Giải thích chi tiết về linh kiện  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1787HVCMS8 bảng dữ liệu(HTML) 12 Page - Linear Technology

Back Button LT1787HVCMS8 Datasheet HTML 8Page - Linear Technology LT1787HVCMS8 Datasheet HTML 9Page - Linear Technology LT1787HVCMS8 Datasheet HTML 10Page - Linear Technology LT1787HVCMS8 Datasheet HTML 11Page - Linear Technology LT1787HVCMS8 Datasheet HTML 12Page - Linear Technology LT1787HVCMS8 Datasheet HTML 13Page - Linear Technology LT1787HVCMS8 Datasheet HTML 14Page - Linear Technology LT1787HVCMS8 Datasheet HTML 15Page - Linear Technology LT1787HVCMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1787/LT1787HV
1787fc
Operation with A/D Converter
Figure 6 shows the LT1787 operating with the LTC1286
A/D converter. This low cost circuit is capable of 12-bit
resolution of unipolar currents. The – IN pin of the A/D
converter is biased at 1V by the resistor divider R1 and R2.
This voltage increases as sense current increases, with the
amplified sense voltage appearing between the A/D con-
verters –IN and +IN terminals. The front page of the data
sheet shows a similar circuit which uses a voltage refer-
ence for improved accuracy and signal range. The LTC1286
converter uses sequential sampling of its –IN and +IN
inputs. Accuracy is degraded if the inputs move between
sampling intervals. A filter capacitor from FIL+ to FIL– as
well as a filter capacitor from VBIAS to VOUT may be
necessary if the sensed current changes more than 1LSB
within a conversion cycle.
Buffered Output Operation
Figure 7 shows the LT1787’s outputs buffered by an
operational amplifier configured as an I/V converter. This
configuration is ideal for monitoring very low voltage
supplies. The LT1787’s VOUT pin is held equal to the
reference voltage appearing at the op amp’s noninverting
input. This allows monitoring VS supplies as low as 2.5V.
The op amp’s output may swing from ground to its positive
supply voltage. The low impedance output of the op amp
may drive following circuitry more effectively than the high
output impedance of the LT1787. The I/V converter configu-
ration also works well with split supply voltages.
Single Supply Unidirectional Operation
Figure 8 shows the simplest connection in which the
LT1787 may be used. The VBIAS pin is connected to
ground, and the VOUT pin swings positive with increasing
sense current. The LT1787’s outputs can swing as low as
30mV as shown in Figure 9. Accuracy is sacrificed at small
output levels, but this is not a limitation in protection
circuit applications or where sensed currents do not vary
greatly. Increased low level accuracy can be obtained by
level shifting VBIAS above ground. The level shifting may be
done with resistor dividers, voltage references or a simple
diode. Accuracy is ensured if the output signal is sensed
differentially between VBIAS and VOUT.
APPLICATIONS INFORMATION
Figure 8. Unidirectional Current Sensing Mode
1787 F08
C
0.1
µF
RSENSE
2.5V TO
60V
VOUT
TO
LOAD
1
2
3
4
8
7
6
5
LT1787HV
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
ROUT
Figure 7. Single Supply 2.5V Bidirectional Operation
with External Voltage Reference and I/V Converter
2.5V
C1
1
µF
RSENSE
ISENSE
2.5V + VSENSE(MAX)
TO
CHARGER/
LOAD
VOUT A
1M
5%
1787 F07
LT1495
C3
1000pF
LT1389-1.25
2.5V
+
–
A1
1
2
3
4
8
7
6
5
LT1787
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
ROUT
Figure 6. Unidirectional Output into A/D
with Fixed Supply at VS+
R2
5k
5%
1787 F06
IOUT
C1
1
µF
5V
VREF
VCC
GND
LTC1286
CS
CLK
DOUT
+IN
–IN
TO
µP
RSENSE
5V
1
2
3
4
8
7
6
5
LT1787
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
R1
20k
5%
ROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com