công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1787HVCMS8 bảng dữ liệu(PDF) 11 Page - Linear Technology

tên linh kiện LT1787HVCMS8
Giải thích chi tiết về linh kiện  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1787HVCMS8 bảng dữ liệu(HTML) 11 Page - Linear Technology

Back Button LT1787HVCMS8 Datasheet HTML 7Page - Linear Technology LT1787HVCMS8 Datasheet HTML 8Page - Linear Technology LT1787HVCMS8 Datasheet HTML 9Page - Linear Technology LT1787HVCMS8 Datasheet HTML 10Page - Linear Technology LT1787HVCMS8 Datasheet HTML 11Page - Linear Technology LT1787HVCMS8 Datasheet HTML 12Page - Linear Technology LT1787HVCMS8 Datasheet HTML 13Page - Linear Technology LT1787HVCMS8 Datasheet HTML 14Page - Linear Technology LT1787HVCMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1787/LT1787HV
1787fc
APPLICATIONS INFORMATION
with absolute minimum swing at 30mV above VEE. VOUT
may swing positive to within 0.75V of VS+ or a maximum
of 35V, a limit set by internal junction breakdown. Within
these contraints, an amplified, level shifted representation
of the RSENSE voltage is developed across ROUT.
Split Supply Bipolar Output Swing
Figure 2 shows the LT1787 used with split power supplies.
The VBIAS pin is connected to ground, and the output
signal appears at the VOUT pin. Bidirectional input currents
can be monitored with the output swinging positive for
current flow from VS+ and VS–. Input currents in the
opposite direction cause VOUT to swing below ground.
Figure 2 shows an optional output capacitor connected
from VOUT to ground. This capacitor may be used to filter
the output signal before it is processed by other
circuitry.Figure 3 shows the voltage transfer function of
the LT1787 used in this configuration.
Single Supply with Shifted VBIAS
Figure 4 shows the LT1787 used in a single supply mode
with the VBIAS pin shifted positive using an external
LT1634 voltage reference. The VOUT output signal can
swing above and below VBIAS to allow monitoring of
positive or negative currents through the sense resistor,
as shown in Figure 5. The choice of reference voltage is not
critical except for the precaution that adequate headroom
must be provided for VOUT to swing without saturating the
internal circuitry. The component values shown in Figure 4
allow operation with VS supplies as low as 3.1V.
Figure 2. Split Supply Operation
*OPTIONAL
C2
1
µF
–5V
1787 F02
OUTPUT
C3*
1000pF
C1
1
µF
RSENSE
15V
TO
CHARGER/
LOAD
1
2
3
4
8
7
6
5
LT1787
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
ROUT
Figure 3. Split Supply Output Voltage
SENSE VOLTAGE (VS
+ – V
S
–) (mV)
1787 F05
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–128
–64
0
32
–96
–32
64
96
128
VS = 3.3V TO 60V
TA = – 40°C TO 85°C
Figure 5. Single Supply Output Voltage
with VBIAS = 1.25V
Figure 4. Charge/Discharge Current Monitor on
Single Supply with VBIAS = 1.25V
C2
1
µF
20k
5%
1787 F04
3.3V
LT1634-1.25
*OPTIONAL
OUTPUT
C1
1
µF
RSENSE
3.3V
TO
60V
TO
CHARGER/
LOAD
1
2
3
4
8
7
6
5
LT1787HV
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
C3*
1000pF
ROUT
SENSE VOLTAGE (VS
+ – V
S
–) (mV)
1787 F03
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–128
–64
0
32
–96
–32
64
96
128
VS = 3.3V TO 60V
TA = – 40°C TO 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com