| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91SAM9261 bảng dữ liệu(PDF) 25 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9261 bảng dữ liệu(HTML) 25 Page - ATMEL Corporation |
|
25 / 43 page ![]() 25 6062KS–ATARM–15-Jan-09 AT91SAM9261 Preliminary 9.6 Power Management Controller • The Power Management Controller provides: – the Processor Clock PCK – the Master Clock MCK – the USB Clock USBCK (HCK0) – the LCD Controller Clock LCDCK (HCK1) – up to thirty peripheral clocks – four programmable clock outputs: PCK0 to PCK3 Figure 9-3. Power Management Controller Block Diagram 9.7 Periodic Interval Timer • Includes a 20-bit Periodic Counter with less than 1 µs accuracy • Includes a 12-bit Interval Overlay Counter • Real time OS or Linux ®/WindowsCE® compliant tick generator 9.8 Watchdog Timer • 12-bit key-protected only-once programmable counter • Windowed, prevents the processor to be in a dead-lock on the watchdog access 9.9 Real-time Timer • 32-bit Free-running backup counter • Alarm Register capable to generate a wake-up of the system MCK periph_clk[2..21] int UDPCK usb_suspend SLCK MAINCK PLLACK Prescaler /1,/2,/4,...,/64 PCK Processor Clock Controller Idle Mode Master Clock Controller APB Peripherals Clock Controller ON/OFF USB Clock Controller ON/OFF SLCK MAINCK PLLACK Prescaler /1,/2,/4,...,/64 Programmable Clock Controller PLLBCK Divider /1,/2,/4 pck[0..3] PLLBCK PLLBCK UHPCK Divider /1,/2,/4 HCKx AHB Peripherals Clock Controller ON/OFF |