| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C5131A-RDTUM bảng dữ liệu(PDF) 185 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTUM bảng dữ liệu(HTML) 185 Page - ATMEL Corporation |
|
185 / 188 page ![]() ii 4337K–USB–04/08 AT89C5130A/31A-M 10.3 Programming ...................................................................................................43 10.4 Read Data .......................................................................................................43 10.5 Registers .........................................................................................................44 11 In-System Programming (ISP) .............................................................. 45 11.1 Flash Programming and Erasure .....................................................................45 11.2 Boot Process ...................................................................................................46 11.3 Application-Programming-Interface .................................................................47 11.4 XROW Bytes ...................................................................................................47 11.5 Hardware Conditions .......................................................................................48 12 On-chip Expanded RAM (ERAM) .......................................................... 50 13 Timer 2 .................................................................................................... 53 13.1 Auto-reload Mode ............................................................................................53 13.2 Programmable Clock Output ...........................................................................54 14 Programmable Counter Array (PCA) .................................................... 58 14.1 PCA Capture Mode .........................................................................................65 14.2 16-bit Software Timer/Compare Mode ............................................................65 14.3 High Speed Output Mode ................................................................................66 14.4 Pulse Width Modulator Mode ..........................................................................67 14.5 PCA Watchdog Timer ......................................................................................68 15 Serial I/O Port ......................................................................................... 69 15.1 Framing Error Detection ..................................................................................69 15.2 Automatic Address Recognition ......................................................................70 15.3 Baud Rate Selection for UART for Mode 1 and 3 ............................................72 15.4 UART Registers ...............................................................................................75 16 Interrupt System ..................................................................................... 79 16.1 Overview ..........................................................................................................79 16.2 Registers .........................................................................................................80 16.3 Interrupt Sources and Vector Addresses .........................................................87 17 Keyboard Interface ................................................................................. 88 17.1 Introduction ......................................................................................................88 17.2 Description .......................................................................................................88 17.3 Registers .........................................................................................................89 18 Programmable LED ................................................................................ 92 |