| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPLD bảng dữ liệu(PDF) 24 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPLD bảng dữ liệu(HTML) 24 Page - Altera Corporation |
|
24 / 42 page ![]() 768 Altera Corporation Classic EPLD Family Data Sheet General Description Altera EP910 devices can implement up to 450 usable gates of SSI and MSI logic functions. EP910 devices have 24 macrocells, 12 dedicated input pins, 24 I/O pins, and 2 global clock pins (see Figure 12). Each macrocell can access signals from the global bus, which consists of the true and complement forms of the dedicated inputs and the true and complement forms of either the output of the macrocell or the I/O input. The CLK1 and CLK2 signals are the dedicated clock inputs for the registers in macrocells 13 through 24 and 1 through 12, respectively. Figure 12. EP910 Block Diagram Numbers without parentheses are for DIP packages. Numbers in parentheses are for J-lead packages. (40) (38) (37) (36) (35) (34) (33) (32) (31) (30) (29) (28) 36 35 34 33 32 31 30 29 28 27 26 25 (6) (7) (8) (9) (10) (11) (12) (13) (14) (15) (16) (18) Macrocell 13 Macrocell 14 Macrocell 15 Macrocell 16 Macrocell 17 Macrocell 18 Macrocell 19 Macrocell 20 Macrocell 21 Macrocell 22 Macrocell 23 Macrocell 24 Macrocell 1 Macrocell 2 Macrocell 3 Macrocell 4 Macrocell 5 Macrocell 6 Macrocell 7 Macrocell 8 Macrocell 9 Macrocell 10 Macrocell 11 Macrocell 12 2 (3) 3 (4) 4 (5) 1 (2) INPUT INPUT INPUT CLK1 (19) (20) (21) INPUT INPUT INPUT 39 38 37 21 INPUT INPUT INPUT CLK2 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 Global Bus (27) (26) (25) INPUT INPUT INPUT 24 23 22 (43) (42) (41) (24) |