công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF1502ASV bảng dữ liệu(PDF) 2 Page - ATMEL Corporation

tên linh kiện ATF1502ASV
Giải thích chi tiết về linh kiện  Highperformance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV bảng dữ liệu(HTML) 2 Page - ATMEL Corporation

  ATF1502ASV Datasheet HTML 1Page - ATMEL Corporation ATF1502ASV Datasheet HTML 2Page - ATMEL Corporation ATF1502ASV Datasheet HTML 3Page - ATMEL Corporation ATF1502ASV Datasheet HTML 4Page - ATMEL Corporation ATF1502ASV Datasheet HTML 5Page - ATMEL Corporation ATF1502ASV Datasheet HTML 6Page - ATMEL Corporation ATF1502ASV Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
1615J–PLD–01/06
ATF1502ASV
1.
Description
The ATF1502ASV is a high-performance, high-density complex programmable logic device
(CPLD) that utilizes Atmel’s proven electrically-erasable technology. With 32 logic macrocells
and up to 36 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic PLDs.
The ATF1502ASV’s enhanced routing switch matrices increase usable gate count and the odds
of successful pin-locked design modifications.
The ATF1502ASV has up to 32 bi-directional I/O pins and four dedicated input pins, depending
on the type of device package selected. Each dedicated pin can also serve as a global control
signal, register clock, register reset or output enable. Each of these control signals can be
selected for use individually within each macrocell.
Figure 1-1.
44-lead TQFP Top View
Figure 1-2.
44-lead PLCC Top View
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
I/O/TDI
I/O
I/O
GND
PD1/I/O
I/O
TMS/I/O
I/O
VCC
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
TDI/I/O
I/O
I/O
GND
PD1/I/O
I/O
I/O/TMS
I/O
VCC
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com