công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF1502ASV bảng dữ liệu(PDF) 7 Page - ATMEL Corporation

tên linh kiện ATF1502ASV
Giải thích chi tiết về linh kiện  Highperformance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV bảng dữ liệu(HTML) 7 Page - ATMEL Corporation

Back Button ATF1502ASV Datasheet HTML 3Page - ATMEL Corporation ATF1502ASV Datasheet HTML 4Page - ATMEL Corporation ATF1502ASV Datasheet HTML 5Page - ATMEL Corporation ATF1502ASV Datasheet HTML 6Page - ATMEL Corporation ATF1502ASV Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV Datasheet HTML 9Page - ATMEL Corporation ATF1502ASV Datasheet HTML 10Page - ATMEL Corporation ATF1502ASV Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
1615J–PLD–01/06
ATF1502ASV
All pin transitions are ignored until the PD pin is brought low. When the power-down feature is
enabled, the PD1 or PD2 pin cannot be used as a logic input or output. However, the pin’s mac-
rocell may still be used to generate buried foldback and cascade logic signals.
All power-down AC characteristic parameters are computed from external input or I/O pins, with
reduced-power bit turned on. For macrocells in reduced-power mode (reduced-power bit turned
on), the reduced-power adder, t
RPA, must be added to the AC parameters, which include the
data paths t
LAD, tLAC, tIC, tACL, tACH and tSEXP.
The ATF1502ASV macrocell also has an option whereby the power can be reduced on a per-
macrocell basis. By enabling this power-down option, macrocells that are not used in an applica-
tion can be turned down, thereby reducing the overall power consumption of the device.
Each output also has individual slew rate control. This may be used to reduce system noise by
slowing down outputs that do not need to operate at maximum speed. Outputs default to slow
switching, and may be specified as fast switching in the design file.
4.
Power-up Reset
The ATF1502ASV is designed with a power-up reset, a feature critical for state machine initial-
ization. At a point delayed slightly from V
CC crossing VRST, all registers will be initialized, and the
state of each output will depend on the polarity of its buffer. However, due to the asynchronous
nature of reset and uncertainty of how V
CC actually rises in the system, the following conditions
are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock pin high, and,
3.
The clock must remain stable during T
D.
The ATF1502ASV has two options for the hysteresis about the reset level, V
RST, Small and
Large. To ensure a robust operating environment in applications where the device is operated
near 3.0V, Atmel recommends that during the fitting process users configure the device with the
Power-up Reset hysteresis set to Large. For conversions, Atmel POF2JED users should include
the flag “-power_reset” on the command line after “filename.POF”. To allow the registers to be
properly reinitialized with the Large hysteresis option selected, the following condition is added:
4.
If V
CC falls below 2.0V, it must shut off completely before the device is turned on again.
When the Large hysteresis option is active, I
CC is reduced by several hundred microamps as
well.
5.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF1502ASV fuse patterns.
Once programmed, fuse verify is inhibited. However, the 16-bit User Signature remains
accessible.
6.
Programming
ATF1502ASV devices are in-system programmable (ISP) devices utilizing the 4-pin JTAG proto-
col. This capability eliminates package handling normally required for programming and
facilitates rapid design iterations and field changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com