công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF1502ASV bảng dữ liệu(PDF) 1 Page - ATMEL Corporation

tên linh kiện ATF1502ASV
Giải thích chi tiết về linh kiện  Highperformance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV bảng dữ liệu(HTML) 1 Page - ATMEL Corporation

  ATF1502ASV Datasheet HTML 1Page - ATMEL Corporation ATF1502ASV Datasheet HTML 2Page - ATMEL Corporation ATF1502ASV Datasheet HTML 3Page - ATMEL Corporation ATF1502ASV Datasheet HTML 4Page - ATMEL Corporation ATF1502ASV Datasheet HTML 5Page - ATMEL Corporation ATF1502ASV Datasheet HTML 6Page - ATMEL Corporation ATF1502ASV Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Features
• High-density, High-performance, Electrically-erasable Complex Programmable
Logic Device
– 3.0 to 3.6V Operating Range
– 32 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 44 Pins
– 15 ns Maximum Pin-to-pin Delay
– Registered Operation up to 77 MHz
– Enhanced Routing Resources
• In-System Programmability (ISP) via JTAG
• Flexible Logic Macrocell
– D/T Latch Configurable Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic Utilization by Burying a Register with a COM Output
• Advanced Power Management Features
– Pin-controlled 0.75 mA Standby Mode
– Programmable Pin-keeper Inputs and I/Os
– Reduced-power Feature per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 44-lead PLCC and TQFP
• Advanced EEPROM Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20-year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
• JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• PCI-compliant
• Security Fuse Feature
• Green (Pb/Halide-fee/RoHS Compliant) Package Options
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• D Latch Mode
• Combinatorial Output with Registered Feedback within Any Macrocell
• Three Global Clock Pins
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
• V
CC Power-up Reset Option
• Pull-up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
– Individual Macrocell Power Option
High-
performance
EEPROM CPLD
ATF1502ASV
1615J–PLD–01/06


Số phần tương tự - ATF1502ASV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
ATF1502ASV-15AC44 ATMEL-ATF1502ASV-15AC44 Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
ATF1502ASV-15AI44 ATMEL-ATF1502ASV-15AI44 Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
ATF1502ASV-15JC44 ATMEL-ATF1502ASV-15JC44 Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
ATF1502ASV-15JI44 ATMEL-ATF1502ASV-15JI44 Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
More results

Mô tả tương tự - ATF1502ASV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
Highperformance EE PLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
High-performance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
Highperformance EPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
Highperformance EEPROM CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
Highperformance CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
Highperformance CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com