| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9535CD bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9535CD bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 31 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx Remark: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output mode). It is assumed that the command byte has previously been set to ‘00’ (read Input Port register). Fig 11. Read Input Port register, scenario 1 1 0 0 A2 A1 A0 1 A S0 START condition R/W acknowledge from slave 002aac223 A SCL SDA A read from port 0 P 9 8 7 6 5 4 3 2 1 I0.x slave address STOP condition acknowledge from master A I1.x acknowledge from master A I0.x acknowledge from master 1 I1.x non acknowledge from master data into port 0 read from port 1 data into port 1 INT 6543210 7 6543210 7 6543210 7 6543210 7 INT tv(INT_N) trst(INT_N) |