| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9535CD bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9535CD bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 31 page ![]() PCA9535_PCA9535C_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 15 September 2008 6 of 31 NXP Semiconductors PCA9535; PCA9535C 16-bit I2C-bus and SMBus, low power I/O port with interrupt 6. Functional description Refer to Figure 1 “Block diagram of PCA9535; PCA9535C”. 6.1 Device address 6.2 Registers 6.2.1 Command byte The command byte is the first byte to follow the address byte during a write transmission. It is used as a pointer to determine which of the following registers will be written or read. Fig 6. PCA9535; PCA9535C device address R/W 002aac219 0 1 0 0 A2 A1 A0 programmable slave address fixed Table 4. Command byte Command Register 0 Input port 0 1 Input port 1 2 Output port 0 3 Output port 1 4 Polarity Inversion port 0 5 Polarity Inversion port 1 6 Configuration port 0 7 Configuration port 1 |