công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC954 bảng dữ liệu(PDF) 48 Page - NXP Semiconductors

tên linh kiện P89LPC954
Giải thích chi tiết về linh kiện  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 bảng dữ liệu(HTML) 48 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 44Page - NXP Semiconductors P89LPC954 Datasheet HTML 45Page - NXP Semiconductors P89LPC954 Datasheet HTML 46Page - NXP Semiconductors P89LPC954 Datasheet HTML 47Page - NXP Semiconductors P89LPC954 Datasheet HTML 48Page - NXP Semiconductors P89LPC954 Datasheet HTML 49Page - NXP Semiconductors P89LPC954 Datasheet HTML 50Page - NXP Semiconductors P89LPC954 Datasheet HTML 51Page - NXP Semiconductors P89LPC954 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
48 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
8.4 ADC operating modes
8.4.1 Fixed channel, single conversion mode
A single input channel can be selected for conversion. A single conversion will be
performed and the result placed in the result register pair which corresponds to the
selected input channel. An interrupt, if enabled, will be generated after the conversion
completes.
8.4.2 Fixed channel, continuous conversion mode
A single input channel can be selected for continuous conversion. The results of the
conversions will be sequentially placed in the eight result register pairs. The user may
select whether an interrupt can be generated after every four or every eight conversions.
Additional conversion results will again cycle through the result register pairs, overwriting
the previous results. Continuous conversions continue until terminated by the user.
8.4.3 Auto scan, single conversion mode
Any combination of the eight input channels can be selected for conversion. A single
conversion of each selected input will be performed and the result placed in the result
register pair which corresponds to the selected input channel. The user may select
whether an interrupt, if enabled, will be generated after either the first four conversions
have occurred or all selected channels have been converted. If the user selects to
generate an interrupt after the four input channels have been converted, a second
interrupt will be generated after the remaining input channels have been converted. If only
a single channel is selected this is equivalent to single channel, single conversion mode.
8.4.4 Auto scan, continuous conversion mode
Any combination of the eight input channels can be selected for conversion. A conversion
of each selected input will be performed and the result placed in the result register pair
which corresponds to the selected input channel. The user may select whether an
interrupt, if enabled, will be generated after either the first four conversions have occurred
or all selected channels have been converted. If the user selects to generate an interrupt
after the four input channels have been converted, a second interrupt will be generated
after the remaining input channels have been converted. After all selected channels have
been converted, the process will repeat starting with the first selected channel. Additional
conversion results will again cycle through the eight result register pairs, overwriting the
previous results. Continuous conversions continue until terminated by the user.
8.4.5 Dual channel, continuous conversion mode
This is a variation of the auto scan continuous conversion mode where conversion occurs
on two user-selectable inputs. The result of the conversion of the first channel is placed in
the result register pair, AD0DAT0R and AD0DAT0L. The result of the conversion of the
second channel is placed in result register pair, AD0DAT1R and AD0DAT1L. The first
channel is again converted and its result stored in AD0DAT2R and AD0DAT2L. The
second channel is again converted and its result placed in AD0DAT3R and AD0DAT3L,
etc. An interrupt is generated, if enabled, after every set of four or eight conversions (user
selectable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com