| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS68HC901 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS68HC901 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 42 page ![]() TIMER A.C. CHARACTERISTICS Definitions : Error = Indicated Time Value - Actual Time Value tpsc = tCLKx Prescale Value Internal Timer Mode Single Interval Error (free running) (note 2) ± 100ns Cumulative Internal Error 0 Error between Two Timer Reads ± (tpsc + 4tCLK) Start Timer to Stop Timer Error + (2tCLK + 100ns) to - (tpsc + 6tCLK + 100ns) Start Timer to Read Timer Error + 0 to – (tpsc + 6tCLK + 400ns) Start Timer to Interrupt Request Error (note 3) - 2tCLK to – (4tCLK + 800ns) PULSE WIDTH MEASUREMENT MODE Measurement Accuracy (note 1) + 2tCLK to – (tpsc + 4tCLK) Minimum Pulse Width 4tCLK EVENT COUNTER MODE Minimum Active Time of TAI, TBI 4tCLK Minimum Inactive Time of TAI, TBI 4tCLK Not es : 1.Error may be cumulative if repetitively performed. 2.Error with respect to TOUT or INT if note 3 is true. 3.Assuming it is possible for the timer to make an inter- rupt request immediately. ® TS68HC901 32/42 |