công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330ML bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện 6TPE330ML
Giải thích chi tiết về linh kiện  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

6TPE330ML bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button 6TPE330ML Datasheet HTML 20Page - Texas Instruments 6TPE330ML Datasheet HTML 21Page - Texas Instruments 6TPE330ML Datasheet HTML 22Page - Texas Instruments 6TPE330ML Datasheet HTML 23Page - Texas Instruments 6TPE330ML Datasheet HTML 24Page - Texas Instruments 6TPE330ML Datasheet HTML 25Page - Texas Instruments 6TPE330ML Datasheet HTML 26Page - Texas Instruments 6TPE330ML Datasheet HTML 27Page - Texas Instruments 6TPE330ML Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Layout Considerations
TPS51123
SLUS890 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Certain points must be considered before starting a layout work using the TPS51123.
• TPS51123 has only one GND pin and special care of GND trace design makes operation stable, especially
when both channels operate. Group GND terminals of output voltage divider of both channels and the VREF
capacitor as close as possible, and connect them to an inner GND plane with PowerPad and the overcurrent
setting resistor, as shown in the thin GND line of Figure 37. This trace is named Signal Ground (SGND).
Group ground terminals of VIN capacitor(s), VOUT capacitor(s) and source of low-side MOSFETs as close as
possible, and connect them to another inner GND plane with GND pin of the device and the GND terminal of
VREG3 and VREG5 capacitors, as shown in the bold GND line of Figure 37. This trace is named Power
Ground (PGND). SGND should be connected to PGND at the middle point between ground terminal of VOUT
capacitors.
• Inductor, VOUT capacitor(s), VIN capacitor(s) and MOSFETs are the power components and should be
placed on one side of the PCB (solder side). Power components of each channel should be at the same
distance from the TPS51123. Other small signal parts should be placed on another side (component side).
Inner GND planes should shield and isolate the small signal traces from noisy power lines.
• PCB trace defined as LLx node, which connects to source of high-side MOSFET, drain of low-side MOSFET
and high-voltage side of the inductor, should be as short and wide as possible.
• VREG5 requires capacitance of at least 33-µF and VREG3 requires capacitance of at most 10-µF. VREF
requires a 220-nF ceramic bypass capacitor which should be placed close to the device and traces should be
no longer than 10 mm.
• Connect the overcurrent setting resistors from TRIPx to SGND and close to the device, right next to the
device if possible.
• The discharge path (VOx) should have a dedicated trace to the output capacitor; separate from the output
voltage sensing trace. When LDO5 is switched over Vo1 trace should be 1.5 mm with no loops. When LDO3
is switched over and loaded Vo2 trace should also be 1.5 mm with no loops. There is no restriction for just
monitoring Vox. Make the feedback current setting resistor (the resistor between VFBx to SGND) close to the
device. Place on the component side and avoid vias between this resistor and the device.
• Connections from the drivers to the respective gate of the high-side or the low-side MOSFET should be as
short as possible to reduce stray inductance. Use 0.65-mm (25 mils) or wider trace and via(s) of at least 0.5
mm (20 mils) diameter along this trace.
• All sensitive analog traces and components such as VOx, VFBx, VREF, GND, EN0, TRIPx, PGOOD,
TONSEL and SKIPSEL should be placed away from high-voltage switching nodes such as LLx, DRVLx, and
DRVHx nodes to avoid coupling.
• Traces for VFB1 and VFB2 should be short and laid apart each other to avoid channel to channel
interference.
• In order to effectively remove heat from the package, prepare thermal land and solder to the package’s
thermal pad. Three by three or more vias with a 0.33-mm (13 mils) diameter connected from the thermal land
to the internal ground plane should be used to help dissipation. This thermal land underneath the package
should be connected to SGND, and should NOT be connected to PGND.
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com