công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA2028 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện TEA2028
Giải thích chi tiết về linh kiện  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 23Page - STMicroelectronics TEA2028 Datasheet HTML 24Page - STMicroelectronics TEA2028 Datasheet HTML 25Page - STMicroelectronics TEA2028 Datasheet HTML 26Page - STMicroelectronics TEA2028 Datasheet HTML 27Page - STMicroelectronics TEA2028 Datasheet HTML 28Page - STMicroelectronics TEA2028 Datasheet HTML 29Page - STMicroelectronics TEA2028 Datasheet HTML 30Page - STMicroelectronics TEA2028 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Frame
Sync.
Separator
3
5
24
x1
50/60Hz
Output
Frame
Sawtooth
Frame
Yoke
V
→ I
IY
Power
Amplifier
R5
C5
+E
Frame
Sawtooth
Generator
I60
50/60Hz
Reset
&
≥ 1
Frame Logic
Free
Reset
H/2
Reference
Block
Composite
Sync.
IY
Top of Picture
Bottom of Picture
t
Figure 51 : Block Diagram of the Vertical Deflection Stage
V.6.1 - Frame sync extraction
The main duty of this stage is to extract the frame
sync pulses contained in composite sync signal.
IC
ID
+
IC
C
VC
Frame
Sync.
=2
µA
=9
µA
C = 35pF
IC
I C
I D
+
2.8V
Composite
Sync.
5.6V
2.8V
Figure 52 : Sync. Extractor Block Diagram
Two current generators are used to charge and
discharge the integrated capacitor ”C”. The dis-
charge generator (IC +ID) is driven by the compos-
ite sync signal.
The
∆VC across capacitor is : −
ID
⋅ tSYNC
C
During frame trace, the capacitor is discharged at
each line sync pulse thereby generating a
∆Vof
-0.94V with respect to 5.6V and then recovers the
charge by current ”IC”. The comparator output re-
mains low.
The discharge time is 27
µs at the first line sync
inversion applied to comparator input. The voltage
”VC” then falls from 5.6V to 0.2V and triggers the
comparator ”C0” which will deliver a frame sync
pulse when ”VC” crosses the 2.8V level.
The overall arrangement behaves as an integrator
and will therefore suppress any noise susceptible
to be present on input signal.
An external capacitor Pin 20 can be added to the
integrated capacitor C to increase the frame sync
time constant.
V.6.2 - Frame saw-tooth generator
3
5
Frame Sawtooth
Output
R3
2.2k
Ω
C5
470nF
R5
2.7M
Ω
+
+
+E
(200V)
60Hz
Frame
Reset
(64
µs)
FRAME LOGIC
BLOCK
∆I
60
Figure 53
The frame saw-tooth is generated by an external
RC network on Pin 5.
The time constant ”R5
⋅ C5” is much higher than
the frame period. Therefore, the generated saw-
tooth is quite linear.
The network is discharged by an internal transistor,
controlled by the frame logic block.
TEA2028 - TEA2029 APPLICATION NOTE
27/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com