công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA2028 bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện TEA2028
Giải thích chi tiết về linh kiện  APPLICATION NOTE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 18Page - STMicroelectronics TEA2028 Datasheet HTML 19Page - STMicroelectronics TEA2028 Datasheet HTML 20Page - STMicroelectronics TEA2028 Datasheet HTML 21Page - STMicroelectronics TEA2028 Datasheet HTML 22Page - STMicroelectronics TEA2028 Datasheet HTML 23Page - STMicroelectronics TEA2028 Datasheet HTML 24Page - STMicroelectronics TEA2028 Datasheet HTML 25Page - STMicroelectronics TEA2028 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
A. BLOCK DIAGRAM
”V’OUT” will set the flip-flop thereby allowing the
capacitor ”C1” to be charged by current ”IC” deliv-
ered through current generator. The voltage across
capacitor begins rising until it reaches ”VREF”. At
this time, comparator ”C” is triggered, the output of
which will in turn reset the flip-flop. The capacitor
”C” is consequently discharged by current ID -IC.
1
&
≥ 1
S
RQ
Q
VREF
C1
V1
+
IC
144
µA
ID
380
µA
16
µs
AS
Auto-Set
Signal
V10
To Output
Stage
t’OUT
T 10
t’
OUT
V’OUT
Window
C
Figure 42
B. T10 CALCULATION (see Figure 43)
T10 =
C1
⋅ ∆V1
IC
=
C1
⋅ VREF
IC
”IC” is a fraction of ”IREF” on pin 14
IC =
IREF
α
=
VREF
α ⋅ R14
= 144
µA
⇒ T10 = α ⋅ R14 ⋅ C1 = 2.64 ⋅ R14 ⋅ C1
with R14 = 3.32k
Ω, C1 = 3.3nF ⇒ T10 =29µs
-T10 is independent from temperature and VCC
-
α has a maximum dispersion of ± 3% from device
to device
C. 16
µs WINDOW
This window is generated by the line logic circuitry
and sets the maximum phase variations of the
output signal ”V10”.
Also, for protection purposes, should ”V16” voltage
equal ”0”, the output signal will be always present
and have a maximum phase shift of 16
µs with
respect to the falling-edge of the line saw-tooth.
D. AUTO-SET TO ”1”
To provide protection, this function will trigger the
f lip -flop if the modulato r is d isa bl ed, i. e.
V16 >V13(MAX).
Maximum
Phase
Variation
t
VREF
(1.26V)
0
V’
V
OUT
1
4
µs
Auto-Set
Set
Window
16
µs
16
µs
T10
T10
T10
V10
Figure 43
E. MAXIMUM ”T10” VALUE AS A FUNCTION
OF ”C1”
T10 (Min.) :16
µs (window) + 4µs (auto set) = 20µs
⇒C1(Min.) = 2.3nF
T10 (Max.) : for
C1
⋅ VREF
ID
− IC
+
C1
⋅ VREF
IC
≤ 64µs
⇒T10 (Max.) =40µs ⇒ C1(Max.) = 4.6nF
For normal operation, C1 value has to be chosen
between 2.3nF and 4.6nF.
If Pin 1 is grounded, output signal (Pin 10) is
inhibited and goes high.
V.5.2.5 - Line output stage & inhibitions
≥ 1
10
6
12
I
V
R
T 10
10
CC
L
+
Output
To
Line ”DRIVE”
3V
Line Flyback
Input
LF
T10
Monostable
Q
≥ 1
Logic 1 for
VCC <6V
Logic 1 for
Security at Pin 28
Inhibition
Power
Ground
Figure 44
TEA2028 - TEA2029 APPLICATION NOTE
22/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com