| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA9109A bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9109A bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 47 page ![]() TDA9109A 33/47 2.6 Horizontal and Vertical Dynamic Focus The TDA9109A delivers a horizontal parabola which is added on a vertical parabola waveform on Pin 10. This horizontal parabola comes from a sawtooth in phase advance with flyback pulse mid- dle. The time advance versus horizontal flyback middle is kept constant versus frequency (about 1 µs). Symmetry and amplitude are I2C adjustable (see Figure 15). The vertical dynamic focus is tracked with VPOS and VAMP. Its amplitude can be ad- justed. It is also affected by S and C corrections. This positive signal once amplified is to be sent to the CRT focusing grids. Figure 15. Phase of HFocus Parabola |