| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA9109A bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9109A bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 47 page ![]() TDA9109A 24/47 I2C BUS ADDRESS TABLE Slave Address (8C): Write Mode Sub Address Definition Slave Address (8D): Read Mode No sub address needed. D8 D7 D6 D5 D4 D3 D2 D1 0000 000 00 Horizontal Drive Selection/Horizontal Duty Cycle 1000 000 01 X-ray Reset/Horizontal Position 2000 000 00 3 0 - - 1 0 0 1 1 Sync. Priority/Horizontal Focus Amplitude 4 0 - - 1 0 1 0 0 Refresh/Horizontal Focus Keystone 5000 001 01 Vertical Ramp Amplitude 6000 001 10 Vertical Position Adjustment 7000 001 11 S Correction 8000 010 00 C Correction 9000 010 01 E/W Keystone A 0 0 0 0 1 0 1 0 E/W Amplitude B 0 0 0 0 1 0 1 1 B+ Reference Adjustment C 0 0 0 0 1 0 0 0 Vertical Moiré D 0 0 0 0 1 0 0 1 Side Pin Balance E 0 0 0 0 1 0 1 0 Parallelogram F 0 0 0 0 1 0 1 1 Vertical Dynamic Focus Amplitude 10 0 0 0 1 0 0 0 0 E/W Corner |