công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 261 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 261 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 257Page - Renesas Technology Corp H8S/2111B Datasheet HTML 258Page - Renesas Technology Corp H8S/2111B Datasheet HTML 259Page - Renesas Technology Corp H8S/2111B Datasheet HTML 260Page - Renesas Technology Corp H8S/2111B Datasheet HTML 261Page - Renesas Technology Corp H8S/2111B Datasheet HTML 262Page - Renesas Technology Corp H8S/2111B Datasheet HTML 263Page - Renesas Technology Corp H8S/2111B Datasheet HTML 264Page - Renesas Technology Corp H8S/2111B Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 582 page
background image
Rev. 1.00, 05/04, page 227 of 544
11.4
Operation
11.4.1
Watchdog Timer Mode
To use the WDT as a watchdog timer, set the WT/
IT bit and the TME bit in TCSR to 1. While the
WDT is used as a watchdog timer, if TCNT overflows without being rewritten because of a
system malfunction or another error, an internal reset or NMI interrupt request is generated. TCNT
does not overflow while the system is operating normally. Software must prevent TCNT
overflows by rewriting the TCNT value (normally be writing H'00) before overflows occurs.
If the RST/
NMI bit of TCSR is set to 1, when the TCNT overflows, an internal reset signal for this
LSI is issued for 518 system clocks, and the low level signal is simultaneously output from the
RESO pin for 132 states, as shown in figure 11.2. If the RST/NMI bit is cleared to 0, when the
TCNT overflows, an NMI interrupt request is generated. Here, the output from the
RESO pin
remains high.
An internal reset request from the watchdog timer and a reset input from the
RES pin are
processed in the same vector. Reset source can be identified by the XRST bit status in SYSCR. If
a reset caused by a signal input to the
RES pin occurs at the same time as a reset caused by a WDT
overflow, the
RES pin reset has priority and the XRST bit in SYSCR is set to 1.
An NMI interrupt request from the watchdog timer and an interrupt request from the NMI pin are
processed in the same vector. Do not handle an NMI interrupt request from the watchdog timer
and an interrupt request from the NMI pin at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com