công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 259 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 259 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 255Page - Renesas Technology Corp H8S/2111B Datasheet HTML 256Page - Renesas Technology Corp H8S/2111B Datasheet HTML 257Page - Renesas Technology Corp H8S/2111B Datasheet HTML 258Page - Renesas Technology Corp H8S/2111B Datasheet HTML 259Page - Renesas Technology Corp H8S/2111B Datasheet HTML 260Page - Renesas Technology Corp H8S/2111B Datasheet HTML 261Page - Renesas Technology Corp H8S/2111B Datasheet HTML 262Page - Renesas Technology Corp H8S/2111B Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 582 page
background image
Rev. 1.00, 05/04, page 225 of 544
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Selects the clock source to be input to. The overflow
frequency for
φ = 10 MHz is enclosed in parentheses.
000:
φ/2 (frequency: 51.2 µs)
001:
φ/64 (frequency: 1.64 ms)
010:
φ/128 (frequency: 3.28 ms)
011:
φ/512 (frequency: 13.1 ms)
100:
φ/2048 (frequency: 52.4 ms)
101:
φ/8192 (frequency: 209.7 ms)
110:
φ/32768 (frequency: 0.84 s)
111:
φ/131072 (frequency: 3.36 s)
Notes: 1. Only 0 can be written, to clear the flag.
2. When OVF is polled with the interval timer interrupt disabled, OVF = 1 must be read at
least twice.
• TCSR_1
Bit
Bit Name
Initial
Value
R/W
Description
7
OVF
0
R/(W)*
1
Overflow Flag
Indicates that TCNT has overflowed (changes from H'FF
to H'00).
[Setting condition]
When TCNT overflows (changes from H'FF to H'00)
However, when internal reset request generation is
selected in watchdog timer mode, OVF is cleared
automatically by the internal reset.
[Clearing conditions]
When TCSR is read when OVF = 1*
2, then 0 is written to
OVF
When 0 is written to TME
6
WT/
IT
0
R/W
Timer Mode Select
Selects whether the WDT is used as a watchdog timer
or interval timer.
0: Interval timer mode
1: Watchdog timer mode
5
TME
0
R/W
Timer Enable
When this bit is set to 1, TCNT starts counting.
When this bit is cleared, TCNT stops counting and is
initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com