công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 264 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 264 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 260Page - Renesas Technology Corp H8S/2111B Datasheet HTML 261Page - Renesas Technology Corp H8S/2111B Datasheet HTML 262Page - Renesas Technology Corp H8S/2111B Datasheet HTML 263Page - Renesas Technology Corp H8S/2111B Datasheet HTML 264Page - Renesas Technology Corp H8S/2111B Datasheet HTML 265Page - Renesas Technology Corp H8S/2111B Datasheet HTML 266Page - Renesas Technology Corp H8S/2111B Datasheet HTML 267Page - Renesas Technology Corp H8S/2111B Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 582 page
background image
Rev. 1.00, 05/04, page 230 of 544
11.4.3
RESO Signal Output Timing
When TCNT overflows in watchdog timer mode, the OVF bit in TCSR is set to 1. When the
RST/
NMI bit is 1 here, the internal reset signal is generated for the entire LSI. At the same time,
the low level signal is output from the
RESO pin. The timing is shown in figure 11.5.
φ
TCNT
H'FF
H'00
132 states
518 states
Overflow signal
(internal signal)
OVF
RESO signal
Internal reset
signal
Figure 11.5 Output Timing of
RESO signal
11.5
Interrupt Sources
During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI).
The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be
cleared to 0 in the interrupt handling routine.
When the NMI interrupt request is selected in watchdog timer mode, an NMI interrupt request is
generated by an overflow.
Table 11.2
WDT Interrupt Source
Name
Interrupt Source
Interrupt Flag
WOVI
TCNT overflow
OVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com