công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2111B bảng dữ liệu(PDF) 265 Page - Renesas Technology Corp

tên linh kiện H8S/2111B
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B bảng dữ liệu(HTML) 265 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 261Page - Renesas Technology Corp H8S/2111B Datasheet HTML 262Page - Renesas Technology Corp H8S/2111B Datasheet HTML 263Page - Renesas Technology Corp H8S/2111B Datasheet HTML 264Page - Renesas Technology Corp H8S/2111B Datasheet HTML 265Page - Renesas Technology Corp H8S/2111B Datasheet HTML 266Page - Renesas Technology Corp H8S/2111B Datasheet HTML 267Page - Renesas Technology Corp H8S/2111B Datasheet HTML 268Page - Renesas Technology Corp H8S/2111B Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 582 page
background image
Rev. 1.00, 05/04, page 231 of 544
11.6
Usage Notes
11.6.1
Notes on Register Access
The watchdog timer's registers, TCNT and TCSR differ from other registers in being more
difficult to write to. The procedures for writing to and reading from these registers are given
below.
Writing to TCNT and TCSR (Example of WDT_0): These registers must be written to by a
word transfer instruction. They cannot be written to by a byte transfer instruction.
TCNT and TCSR both have the same write address. Therefore, satisfy the relative condition
shown in figure 11.6 to write to TCNT or TCSR. To write to TCNT, the upper bytes must contain
the value H'5A and the lower bytes must contain the write data before the transfer instruction
execution. To write to TCSR, the upper bytes must contain the value H'A5 and the lower bytes
must contain the write data.
<TCNT write>
<TCSR write>
Address : H'FFA8
Address : H'FFA8
H'5A
Write data
15
8 7
0
0
H'A5
Write data
15
8 7
0
0
Figure 11.6 Writing to TCNT and TCSR (WDT_0)
Reading from TCNT and TCSR (Example of WDT_0): These registers are read in the same
way as other registers. The read address is H'FFA8 for TCSR and H'FFA9 for TCNT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com