công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 212 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 212 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 208Page - Renesas Technology Corp H8/3028 Datasheet HTML 209Page - Renesas Technology Corp H8/3028 Datasheet HTML 210Page - Renesas Technology Corp H8/3028 Datasheet HTML 211Page - Renesas Technology Corp H8/3028 Datasheet HTML 212Page - Renesas Technology Corp H8/3028 Datasheet HTML 213Page - Renesas Technology Corp H8/3028 Datasheet HTML 214Page - Renesas Technology Corp H8/3028 Datasheet HTML 215Page - Renesas Technology Corp H8/3028 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 923 page
background image
Rev. 2.00, 09/03, page 182 of 890
φ
Address bus
Simultaneous change of
HWR/LWR and CSn
Tp
Tr
Tc1 Tc2
Bus cycle A
(DRAM access cycle)
HWR/LWR
(
UCAS/LCAS)
T1
T2
Bus cycle B
CSn
Tp
Tr
Tc1 Tc2
T1
Ti
T2
φ
Address bus
HWR/LWR
(
UCAS/LCAS)
CSn
Bus cycle A
(DRAM access cycle) Bus cycle B
(a) Idle cycle not inserted
(b) Idle cycle inserted
Figure 6.45 Example of Idle Cycle Operation (3) (
HWR
HWR
HWR
HWR/LWR
LWR
LWR
LWR Used as UCAS
UCAS
UCAS
UCAS/LCAS
LCAS
LCAS
LCAS)
φ
Address bus
T1
T2
T3
Address bus
UCAS/LCAS
RD
Tp
Tc1
Tr
Tc2
External read
DRAM space read
Figure 6.46 Example of Idle Cycle Operation (4) (Consecutive Precharge Cycles)
Usage Notes: When non-insertion of idle cycles is set, the rise (negation) of
RD and the fall
(assertion) of
CSn may occur simultaneously. An example of the operation is shown in figure
6.47.
If consecutive reads between different external areas occur while the ICIS1 bit is cleared to 0 in
BCR, or if a write cycle to a different external area occurs after an external read while the ICIS0
bit is cleared to 0, the
RD negation in the first read cycle and the CSn assertion in the following
bus cycle will occur simultaneously. Therefore, depending on the output delay time of each signal,
it is possible that the low-level output of
RD in the preceding read cycle and the low-level output
of
CSn in the following bus cycle will overlap.
A setting whereby idle cycle insertion is not performed can be made only when
RD and CSn do
not change simultaneously, or when it does not matter if they do.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com