công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 211 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 211 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 207Page - Renesas Technology Corp H8/3028 Datasheet HTML 208Page - Renesas Technology Corp H8/3028 Datasheet HTML 209Page - Renesas Technology Corp H8/3028 Datasheet HTML 210Page - Renesas Technology Corp H8/3028 Datasheet HTML 211Page - Renesas Technology Corp H8/3028 Datasheet HTML 212Page - Renesas Technology Corp H8/3028 Datasheet HTML 213Page - Renesas Technology Corp H8/3028 Datasheet HTML 214Page - Renesas Technology Corp H8/3028 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 923 page
background image
Rev. 2.00, 09/03, page 181 of 890
In (a), an idle cycle is not inserted, and a collision occurs in cycle B between the read data from
ROM and the CPU write data. In (b), an idle cycle is inserted, and a data collision is prevented.
φ
T1
T2
T3
RD
Address bus
Data bus
T1
T2
T1
T2
T3
Ti
T2
T1
HWR
φ
RD
Address bus
Data bus
HWR
Bus cycle A Bus cycle B
Bus cycle A Bus cycle B
Long buffer-off
time
Data
collision
(a) Idle cycle not inserted
(b) Idle cycle inserted
Figure 6.44 Example of Idle Cycle Operation (2) (ICIS0 = 1)
External Address Space Access Immediately after DRAM Space Access: If a DRAM space
access is followed by a non-DRAM external access when
HWR and LWR have been selected as
the
UCAS and LCAS output pins by means of the CSEL bit in DRCRB, a Ti cycle is inserted
regardless of the settings of bits ICIS0 and ICIS1 in BCR. Figure 6.45 shows an example of the
operation.
This is done to prevent simultaneous changing of the
HWR and LWR signals used as UCAS and
LCAS in DRAM space and CSn for the space in the next cycle, and so avoid an erroneous write to
the external device in the next cycle.
A Ti cycle is not inserted when PB4 and PB5 have been selected as the UCAS and LCAS output
pins.
In the case of consecutive DRAM space access precharge cycles (Tp), the ICIS0 and ICIS1 bit
settings are invalid. In the case of consecutive reads between different areas, for example, if the
second access is a DRAM access, only a Tp cycle is inserted, and a Ti cycle is not. The timing in
this case is shown in figure 6.46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com