công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 209 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 209 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 205Page - Renesas Technology Corp H8/3028 Datasheet HTML 206Page - Renesas Technology Corp H8/3028 Datasheet HTML 207Page - Renesas Technology Corp H8/3028 Datasheet HTML 208Page - Renesas Technology Corp H8/3028 Datasheet HTML 209Page - Renesas Technology Corp H8/3028 Datasheet HTML 210Page - Renesas Technology Corp H8/3028 Datasheet HTML 211Page - Renesas Technology Corp H8/3028 Datasheet HTML 212Page - Renesas Technology Corp H8/3028 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 923 page
background image
Rev. 2.00, 09/03, page 179 of 890
6.8.2
Basic Timing
The number of states in the initial cycle (full access) and a burst cycle of the burst ROM interface
is determined by the setting of the AST0 bit in ASTCR. When the AST0 bit is set to 1, wait states
can also be inserted in the initial cycle. Wait states cannot be inserted in a burst cycle.
Burst access of up to four words is performed when the BRSTS0 bit is cleared to 0 in BCR, and
burst access of up to eight words when the BRSTS0 bit is set to 1. The number of burst access
states is two when the BRSTS1 bit is cleared to 0, and three when the BRSTS1 bit is set to 1.
The basic access timing for burst ROM space is shown in figure 6.42.
φ
T1
T2
T3
T1
T2
T1
T2
RD
AS
CS0
Full access
Burst access
Address bus
Only lower address changes
Read data
Read data
Read data
Data bus
Figure 6.42 Example of Burst ROM Access Timing
6.8.3
Wait Control
As with the basic bus interface, either program wait insertion or pin wait insertion using the
WAIT
pin can be used in the initial cycle (full access) of the burst ROM interface.
Wait states cannot be inserted in a burst cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com